Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4301L Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4301L
Description  Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301L Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4301L Datasheet HTML 3Page - Linear Technology LTC4301L Datasheet HTML 4Page - Linear Technology LTC4301L Datasheet HTML 5Page - Linear Technology LTC4301L Datasheet HTML 6Page - Linear Technology LTC4301L Datasheet HTML 7Page - Linear Technology LTC4301L Datasheet HTML 8Page - Linear Technology LTC4301L Datasheet HTML 9Page - Linear Technology LTC4301L Datasheet HTML 10Page - Linear Technology LTC4301L Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC4301L
4301lf
OPERATIO
This delay is always positive and is a function of supply
voltage, temperature and the pull-up resistors and equiva-
lent bus capacitances on both sides of the bus. The Typical
Performance Characteristics section shows the high to
low propagation delay as a function of temperature and
voltage for 10k pull-up resistors pulled-up to VCC and
100pF equivalent capacitance on both sides of the part.
Larger output capacitances translate to longer delays (up
to 150ns). Users must quantify the difference in propaga-
Figure 2. Input-Output Connection
High to Low Propagation Delay
tion times for a rising edge versus a falling edge in their
systems and adjust setup and hold times accordingly.
Ready Digital Output
This pin provides a digital flag which is low when either CS
is high or the start-up sequence described earlier in this
section has not been completed. READY goes high when
CS is low and start-up is complete. The pin is driven by an
open-drain pull-down capable of sinking 3mA while hold-
ing 0.4V on the pin. Connect a resistor of 10k to VCC to
provide the pull-up.
Connection Sense
When the CS pin is driven above 1.4V with respect to the
LTC4301L’s ground, the backplane side is disconnected
from the card side and the READY pin is internally pulled
low. When the pin voltage is low, the part waits for data
transactions on both the backplane and card sides to be
complete (as described in the Start-Up section) before
reconnecting the two sides. At this time the internal
pulldown on READY releases.
Live Insertion and Capacitance Buffering Application
Figure 3 illustrates applications of the LTC4301L with
different bus pull-up and VCC voltages, demonstrating its
ability to recognize and buffer bus data levels that are
above or below its VCC supply. All of these applications
take advantage of the LTC4301L’s Hot Swap
TM controlling,
capacitance buffering and precharge features. If the I/O
cards were plugged directly into the backplane without the
LTC4301L buffer, all of the backplane and card capaci-
tances would add directly together, making rise- and fall-
time requirements difficult to meet. Placing an LTC4301L
on the edge of each card, however, isolates the card
capacitance from the backplane. For a given I/O card, the
LTC4301L drives the capacitance of everything on the card
and the backplane must drive only the capacitance of the
LTC4301L, which is less than 10pF.
APPLICATIO S I FOR ATIO
In most applications the LTC4301L will be used with a
staggered connector where VCC and GND will be long pins.
SDA and SCL are medium length pins to ensure that the
VCC and GND pins make contact first. This will allow the
precharge circuitry to be activated on SDA and SCL before
they make contact. CS is a short pin that is pulled up when
not connected. This is to ensure that the connection
between the backplane and the cards data and clock
busses is not enabled until the transients associated with
live insertion have settled.
Figure 4 shows the LTC4301L in an application where all
of the pins have the same length. In this case, an RC filter
circuit on the I/O card with a product of 10ms provides a
filter to prevent the LTC4301L from becoming activated
until the transients associated with live insertion have
settled. Connect the capacitor between VCC and CS, and
the resistor from CS to GND.
Hot Swap is a trademark of Linear Technology Corporation.
4301 F02
INPUT
SIDE
55pF
OUTPUT
SIDE
20pF
0.5V/DIV
20ns/DIV


Similar Part No. - LTC4301L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L Datasheet
190Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4301LCDD LINER-LTC4301LCDD Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301LCMS8 LINER-LTC4301LCMS8 Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
More results

Similar Description - LTC4301L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L_15 Datasheet
190Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4300A-3 LINER-LTC4300A-3 Datasheet
198Kb / 12P
   Level Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4300A-3 LINER-LTC4300A-3_15 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com