Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDR4--2133-16GB Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # DDR4--2133-16GB
Description  Mobile Telephony
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

DDR4--2133-16GB Datasheet(HTML) 1 Page - ADL Embedded Solutions

  DDR4--2133-16GB Datasheet HTML 1Page - ADL Embedded Solutions DDR4--2133-16GB Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADLQ170HDS 3.5” SBC
6th Generation Intel® Core™ i3 / i7 / Xeon
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
The ADLQ170HDS is the latest in ADL’s line of high-
performance 3.5” Intel® Core™ single board computers
(SBC). It makes use of 6th generation Intel Core and Xeon
processors and Intel’s Q170 chipset to provide a robust set of
features including 32 GB DDR4/ECC DRAM, 4x SATA 6Gb/s,
4x USB 3.0 and more.
This makes it ideal for a variety of system-critical industrial
applications where these high-performance features are
an absolute necessity, but no less critical are less tangible
features like high MTBF, long-life availability, hardware
and firmware revision control, obsolescence management,
technical, engineering and design support.
Custom System Solutions...
As well, ADL Embedded Solutions, Inc. is expert at
collaborating with customers to create custom system
solutions built on our strong portfolio of embedded computing
products and engineering and design expertise. Contact us at
www.adl-usa.com or sales@adl-usa.com.
*Data subject to change without notice.
APPLICATIONS
Secure Networking, i.e. Secure
Routing, Traffic Monitoring and
Gateways
Cyber Security Edge Devices for ICS
and SCADA threat security.
Unmanned, and Drone Payload
Computing
Industrial IoT Gateways and
Controllers
Mobile Telephony
Traffic Engineering
Transportation
Wind Turbine Datalogging and
Collision Avoidance
Oil and Gas IPC
Unmanned Autonomous Systems
FEATURES
6th Generation Intel® Core™ and
Xeon Processors
Intel® Q170 Chipset
firmware TPM 2.0 (fTPM)
Up to 32GB DDR4 or DDR4-ECC
4x USB 3.0; 1x IPEX-USB 3.0
4x SATA 6 Gb/s
IPEX - DVI/HDMI/DP/USB3.0
4x PCie X1 Expansion Lanes
Operating Temperature -20C to
70C; Optional -40C to 85C
Windows and Linux Compatible
with Full Driver Support
MTBF > 250,000 hours
DESCRIPTION
ITEM CODE
PART #
DESCRIPTION
CPU
ADLQ170HDS-6700TE
294900
Intel® Core™ i7-6700TE 2.4 GHz 4C/8T, 8MB
ADLQ170HDS-6100TE
294902
Intel® Core™ i3-6100TE 2.7GHz 2C/4T, 3MB
ADLQ170HDS-1268L
TBD
Intel® Xeon E3-1268LV5 2.4 GHz, 4C/8T, 8MB
ADLQ170HDS-G3900TE
TBD
Intel® Celeron, 2.3 GHz, 2C/2T , 2MB
DDR4 Memory
DDR4-2133-8GB
997610
DDR4-2133 MHz 8GB Standard Temperature
DDR4--2133-16GB
997611
DDR4-2133 MHz 16GB Standard Temperature
DDR4-2133-8GB-EX
997612
DDR4-2133 MHz 8GB Extended Temperature
DDR4-2133-16GB-EX
997614
DDR4-2133 MHz 16GB Extended Temperature
DDR4 ECC Memory (For Xeon and Celeron Processors Only)
DDR4-ECC2400-8GB
TBD
DDR4, ECC 2400 MHz 8GB Standard Temperature
DDR4-ECC2400-16GB
TBD
DDR4, ECC 2400 MHz 16GB Standard Temperature
DDR4-ECC2400-8GB-EX
TBD
DDR4, ECC 2400 MHz 8GB Extended Temperature
DDR4-ECC2400-16GB-EX
TBD
DDR4, ECC 2400 MHz 16GB Extended Temperature
Thermal Solutions
ADLQ170HDS-SPREADER
294866
0.400” Copper/Aluminum Heat Spreader
ORDERING INFORMATION


Similar Part No. - DDR4--2133-16GB

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
DDR4--2133-16GB ADL-DDR4--2133-16GB Datasheet
613Kb / 2P
   120mm x 120mm Stackable SBC 120mm x 120mm Stackable SBC
More results

Similar Description - DDR4--2133-16GB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L73 CIRRUS-CS42L73 Datasheet
205Kb / 7P
   Ultra Low Power Mobile Audio and Telephony CODEC
logo
Vitesse Semiconductor C...
C2299 VITESSE-C2299 Datasheet
251Kb / 3P
   PCS Base Stations, Land Mobile Radio, Cellular Telephony, Radio in the Local Loop
logo
Synaptics Incorporated.
CX93021 CONEXANT-CX93021 Datasheet
195Kb / 2P
   Telephony/TAM support
logo
Analog Devices
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
   Modem/Telephony Codec
REV. A
logo
Texas Instruments
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
[Old version datasheet]   Client Side Telephony DSP
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
[Old version datasheet]   Client Side Telephony DSP
logo
CML Microcircuits
CMX208 CMLMICRO-CMX208 Datasheet
337Kb / 25P
   ISDN Dual Telephony Protocol Engine
logo
Silicon Laboratories
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
logo
CML Microcircuits
CMX218 CMLMICRO-CMX218 Datasheet
354Kb / 34P
   ISDN Data/Telephony Protocol Engine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com