Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT9367 Datasheet(PDF) 7 Page - SiTime Corp.

Part # SIT9367
Description  220 to 725 MHz Ultra-low Jitter Differential Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT9367 Datasheet(HTML) 7 Page - SiTime Corp.

Back Button SIT9367 Datasheet HTML 3Page - SiTime Corp. SIT9367 Datasheet HTML 4Page - SiTime Corp. SIT9367 Datasheet HTML 5Page - SiTime Corp. SIT9367 Datasheet HTML 6Page - SiTime Corp. SIT9367 Datasheet HTML 7Page - SiTime Corp. SIT9367 Datasheet HTML 8Page - SiTime Corp. SIT9367 Datasheet HTML 9Page - SiTime Corp. SIT9367 Datasheet HTML 10Page - SiTime Corp. SIT9367 Datasheet HTML 11Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SiT9367 220 to 725 MHz Ultra-low Jitter Differential Oscillator
Rev 1.0
Page 7 of 12
www.sitime.com
Termination Diagrams (Continued)
OUT+
OUT-
OUT+
OUT-
50 Ω
Zo = 50Ω
Zo = 50Ω
VT=VDD-2V
50 Ω
Shunt Bias Termination
network
D-
D+
D-
D+
LVPECL
Figure 8. LVPECL with DC-coupled parallel shunt load termination


Similar Part No. - SIT9367

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
   Standard Frequency Ultra-low Jitter Differential Oscillator
SIT9366 SITIME-SIT9366 Datasheet
375Kb / 12P
   1 to 220 MHz Ultra-low Jitter Differential Oscillator
More results

Similar Description - SIT9367

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT9387 SITIME-SIT9387 Datasheet
474Kb / 12P
   220 to 725 MHz Ultra-low Jitter Differential Oscillator
SIT3373 SITIME-SIT3373 Datasheet
442Kb / 13P
   220 MHz to 725 MHz Ultra-low Jitter Differential VCXO
SIT9366 SITIME-SIT9366 Datasheet
375Kb / 12P
   1 to 220 MHz Ultra-low Jitter Differential Oscillator
SIT3372 SITIME-SIT3372 Datasheet
443Kb / 13P
   1 MHz to 220 MHz Ultra-low Jitter Differential VCXO
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
   Standard Frequency Ultra-low Jitter Differential Oscillator
SIT9386 SITIME-SIT9386 Datasheet
726Kb / 12P
   AEC-Q100, Ultra-low Jitter Differential Oscillator
logo
EUROQUARTZ limited
EQHJ EUROQUARTZ-EQHJ Datasheet
193Kb / 2P
   Ultra-low jitter Oscillator 5.0MHz to 50.0MHz
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
SiTime Corp.
SIT9122 SITIME-SIT9122 Datasheet
345Kb / 8P
   220-625 MHz High Performance Differential Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com