Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT8921B Datasheet(PDF) 3 Page - SiTime Corp.

Part # SIT8921B
Description  High Frequency, -55 to 125 Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8921B Datasheet(HTML) 3 Page - SiTime Corp.

  SIT8921B Datasheet HTML 1Page - SiTime Corp. SIT8921B Datasheet HTML 2Page - SiTime Corp. SIT8921B Datasheet HTML 3Page - SiTime Corp. SIT8921B Datasheet HTML 4Page - SiTime Corp. SIT8921B Datasheet HTML 5Page - SiTime Corp. SIT8921B Datasheet HTML 6Page - SiTime Corp. SIT8921B Datasheet HTML 7Page - SiTime Corp. SIT8921B Datasheet HTML 8Page - SiTime Corp. SIT8921B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT8921B
High Frequency, -55°C to +125°C Oscillator
Rev. 1.01
Page 3 of 13
www.sitime.com
N
Note:
4. Refer to JESD51 for
JA and JC definitions, and reference layout used to determine the JA and JC values in the above table.
Note:
5. Datasheet specifications are not guaranteed if junction temperature exceeds the maximum operating junction temperature.
Table 3. Absolute Maximum Limits
Attempted operation outside the absolute maximum ratings of the part may cause permanent damage to the part. Actual perfor-
mance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Min.
Max.
Unit
Storage Temperature
-65
150
°C
Vdd
-0.5
4
V
Electrostatic Discharge
–2000
V
Soldering Temperature (follow standard Pb free soldering guidelines)
260
°C
Junction Temperature[3]
150
°C
Note:
3. Exceeding this temperature for extended period of time may damage the device.
Table 4. Thermal Consideration[4]
Package
JA, 4 Layer Board
(°C/W)
JA, 2 Layer Board
(°C/W)
JC, Bottom
(°C/W)
7050
142
273
30
5032
97
199
24
3225
109
212
27
2520
117
222
26
2016
152
252
36
Table 5. Maximum Operating Junction Temperature[5]
Max Operating Temperature (ambient)
Maximum Operating Junction Temperature
125°C
135°C
Table 6. Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL1 @ 260°C


Similar Part No. - SIT8921B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8920B SITIME-SIT8920B Datasheet
673Kb / 18P
   -55 to 125 Oscillator
SIT8924B SITIME-SIT8924B Datasheet
610Kb / 17P
   Automotive AEC-Q100 Oscillator
SIT8925B SITIME-SIT8925B Datasheet
557Kb / 17P
   High Frequency, Automotive AEC-Q100 Oscillator
SIT8926 SITIME-SIT8926 Datasheet
319Kb / 7P
   137 to 150 MHz Automotive AEC-Q100 Oscillator
More results

Similar Description - SIT8921B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8920B SITIME-SIT8920B Datasheet
673Kb / 18P
   -55 to 125 Oscillator
SIT2021B SITIME-SIT2021B Datasheet
990Kb / 17P
   High Frequency, -55 to 125 One-Output Clock Generator
logo
Murata Manufacturing Co...
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01_V01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM55DR7LV474KW01 MURATA1-GRM55DR7LV474KW01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM022C71A103KE01 MURATA1-GRM022C71A103KE01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70J226ME01 MURATA1-GRM188D70J226ME01_V01 Datasheet
180Kb / 2P
   Operating Temperature Range -55??to 125?
GRM022C71A103ME01 MURATA1-GRM022C71A103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM022C80J103ME01 MURATA1-GRM022C80J103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM43DR7LV224KW01 MURATA1-GRM43DR7LV224KW01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70E226ME01 MURATA1-GRM188D70E226ME01_V01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com