Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S5-500RF Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # JFC12S5-500RF
Description  Six-Sided Shielding
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S5-500RF Datasheet(HTML) 5 Page - Wall Industries,Inc.

  JFC12S5-500RF Datasheet HTML 1Page - Wall Industries,Inc. JFC12S5-500RF Datasheet HTML 2Page - Wall Industries,Inc. JFC12S5-500RF Datasheet HTML 3Page - Wall Industries,Inc. JFC12S5-500RF Datasheet HTML 4Page - Wall Industries,Inc. JFC12S5-500RF Datasheet HTML 5Page - Wall Industries,Inc. JFC12S5-500RF Datasheet HTML 6Page - Wall Industries,Inc. JFC12S5-500RF Datasheet HTML 7Page - Wall Industries,Inc. JFC12S5-500RF Datasheet HTML 8Page - Wall Industries,Inc. JFC12S5-500RF Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 11
MECHANICAL DRAWINGS
1.
All dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin pitch tolerance ±0.01 (0.25)
4.
Pin dimension tolerance ±0.004 (0.1)
PIN Connection
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
Ctrl
Ctrl
4
+Vout
+Vout
5
Trim
Common
6
-Vout
-Vout
External Output Trimming
Output can be externally trimmed
by using the method shown below
Product Standard Table
Option
Suffix
Negative Remote ON/OFF
R
Positive Remote ON/OFF
Blank
Without ON/OFF Pin
D
Without ON/OFF & TRIM Pin
G
Negative Remote ON/OFF without
TRIM pin
RF
Positive Remote ON/OFF without
TRIM pin
F


Similar Part No. - JFC12S5-500RF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S5-20 WALL-JFC12S5-20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
140Kb / 5P
   15 Watt DC/DC Converter
More results

Similar Description - JFC12S5-500RF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
   Integrated EMI shielding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com