Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT8919B Datasheet(PDF) 9 Page - SiTime Corp.

Part # SIT8919B
Description  High Frequency, High Temperature Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8919B Datasheet(HTML) 9 Page - SiTime Corp.

Back Button SIT8919B Datasheet HTML 5Page - SiTime Corp. SIT8919B Datasheet HTML 6Page - SiTime Corp. SIT8919B Datasheet HTML 7Page - SiTime Corp. SIT8919B Datasheet HTML 8Page - SiTime Corp. SIT8919B Datasheet HTML 9Page - SiTime Corp. SIT8919B Datasheet HTML 10Page - SiTime Corp. SIT8919B Datasheet HTML 11Page - SiTime Corp. SIT8919B Datasheet HTML 12Page - SiTime Corp. SIT8919B Datasheet HTML 13Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT8919B
High Frequency, High Temperature Oscillator
Rev. 1.01
Page 9 of 13
www.sitime.com
Pin 1 Configuration Options (OE, ST, or NC)
Pin 1 of the SiT8919 can be factory-programmed to support
three modes: Output enable (OE), standby (ST) or No Connect
(NC). These modes can also be programmed with the Time
Machine using field programmable devices.
Output Enable (OE) Mode
In the OE mode, applying logic Low to the OE pin only disables
the output driver and puts it in Hi-Z mode. The core of the
device continues to operate normally. Power consumption is
reduced due to the inactivity of the output. When the OE pin is
pulled High, the output is typically enabled in <1µs.
Standby (ST) Mode
In the ST mode, a device enters into the standby mode when
Pin 1 pulled Low. All internal circuits of the device are turned
off. The current is reduced to a standby current, typically in the
range of a few µA. When ST is pulled High, the device goes
through the “resume” process, which can take up to 5 ms.
No Connect (NC) Mode
In the NC mode, the device always operates in its normal
mode and output the specified frequency regardless of the
logic level on pin 1.
Table 12 below summarizes the key relevant parameters in the
operation of the device in OE, ST, or NC mode.
Output on Startup and Resume
The SiT8919 comes with gated output. Its clock output is
accurate to the rated frequency stability within the first pulse
from initial device startup or resume from the standby mode.
In addition, the SiT8919 has NO RUNT, NO GLITCH output
during startup or resume as shown in the waveform captures
in Figure 17 and Figure 18.
Figure 17. Startup Waveform vs. Vdd
Figure 18. Startup Waveform vs. Vdd
(Zoomed-in View of Figure 17)
Instant Samples with Time Machine and Field
Programmable Oscillators
SiTime supports a field programmable version of the SiT8919
high frequency, high temperature oscillator for fast prototyping
and real time customization of features. The field program-
mable devices (FP devices) are available for all five standard
SiT8919 package sizes and can be configured to one’s exact
specification using the Time Machine II, an USB powered
MEMS oscillator programmer.
Customizable Features of the SiT8919 FP Devices Include
• Frequencies between 115.194001 – 137 MHz
• Four frequency stability options, ±20 PPM, ±25 PPM,
±30 PPM, ±50 PPM
• Two operating temperatures, -40 to 105°C or -40 to 125°C
• Six supply voltage options, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V and
2.25 to 3.63V continuous
• Output drive strength
For more information regarding SiTime’s field programmable
solutions,
visit
http://www.sitime.com/time-machine
and
http://www.sitime.com/fp-devices.
SiT8919 is factory-programmed per customer ordering codes
for volume delivery.
Table 12. OE vs. ST vs. NC
OE
ST
NC
Active current 125 MHz (max, 1.8V)
6 mA
6 mA
6 mA
OE disable current (max. 1.8V)
4.5 mA
N/A
N/A
Standby current (typical 1.8V)
N/A
0.6 uA
N/A
OE enable time at 125 MHz (max)
130 ns
N/A
N/A
Resume time from standby
(max, all frequency)
N/A
5 ms
N/A
Output driver in OE disable/standby mode
High Z
weak
pull-down
N/A
Clock Output
Vdd
Clock Output
Vdd


Similar Part No. - SIT8919B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
   High Temperature Oscillator
More results

Similar Description - SIT8919B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1618B SITIME-SIT1618B Datasheet
688Kb / 18P
   Standard Frequency, High Temperature Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0148-TX-P TAITIEN-XO-0148-TX-P Datasheet
349Kb / 1P
   High Frequency Temperature Compensate Crystal Oscillator
logo
SiTime Corp.
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
   High Temperature Oscillator
logo
STATEK CORPORATION
LHTAT STATEK-LHTAT Datasheet
146Kb / 2P
   HIGH TEMPERATURE OSCILLATOR
logo
EUROQUARTZ limited
HIGHTEMP-HF EUROQUARTZ-HIGHTEMP-HF Datasheet
199Kb / 2P
   High Temperature/High Frequency
logo
List of Unclassifed Man...
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com