Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT5357 Datasheet(PDF) 6 Page - SiTime Corp.

Part # SIT5357
Description  60 to 220 MHz, (-)0.1 to (-)0.25 ppm Elite Platform Precision Super-TCXO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT5357 Datasheet(HTML) 6 Page - SiTime Corp.

Back Button SIT5357 Datasheet HTML 2Page - SiTime Corp. SIT5357 Datasheet HTML 3Page - SiTime Corp. SIT5357 Datasheet HTML 4Page - SiTime Corp. SIT5357 Datasheet HTML 5Page - SiTime Corp. SIT5357 Datasheet HTML 6Page - SiTime Corp. SIT5357 Datasheet HTML 7Page - SiTime Corp. SIT5357 Datasheet HTML 8Page - SiTime Corp. SIT5357 Datasheet HTML 9Page - SiTime Corp. SIT5357 Datasheet HTML 10Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
SiT5357 60 to 220 MHz, ±0.1 to ±0.25 ppm Elite Platform™ Precision Super-TCXO PRELIMINARY
Rev 0.60
Page 6 of 36
www.sitime.com
Device Configurations and Pin-outs
Table 8. Device Configurations
Configuration
Pin 1
Pin 5
I
2C Function
I
2C Programmable Parameters
TCXO
OE/NC
NC
No
N/A
VCTCXO
VC
NC
No
N/A
DCTCXO
OE/NC
A0/NC
Yes
Frequency Pull Range, Frequency Pull Value, Output Enable control
Pin-out Top Views
OE/NC 1
2
3
4
5
6
7
8
9
10
NC
NC
GND
NC
NC
VDD
CLK
NC
NC
Figure 3. TCXO
VC 1
2
3
4
5
6
7
8
9
10
NC
NC
GND
NC
NC
VDD
CLK
NC
NC
Figure 4. VCTCXO
OE / NC 1
2
3
4
5
6
7
8
9
10
SCL
NC
GND
NC
NC
VDD
CLK
A0
SDA
Figure 5. DCTCXO
Table 9. Pin Description
Pin
Symbol
I/O
Internal Pull-up/Pull Down
Resistor
Function
1
OE/NC/VC
OE
– Input
100 kΩ Pull-Up
H
[3]: specified frequency output
L: output is high impedance. Only output driver is disabled
NC
– No Connect
-
H or L or Open: No effect on output frequency or other device functions
VC
– Input
-
Control Voltage in VCTCXO Mode
2
SCL/NC
SCL - Input
200 kΩ Pull-Up
I
2C Serial Clock Input for DCTCXO Option. NC for TCXO and VCTCXO
Options.
NC
– No Connect
-
H or L or Open: No effect on output frequency or other device functions
3
NC
No Connect
-
H or L or Open: No effect on output frequency or other device functions
4
GND
Power
-
Connect to ground
5
A0/NC
A0
– Input
100 kΩ Pull-Up
Device I
2C address when the address selection mode is via the A0 pin.
This pin is NC when the I
2C device address is specified in the ordering
code.
A0 Logic Level
I
2C Address
0
1100010
1
1101010
NC
– No Connect
-
H or L or Open: No effect on output frequency or other device functions
6
CLK
Output
-
LVCMOS, or clipped sinewave oscillator output
7
NC
No Connect
-
H or L or Open: No effect on output frequency or other device functions
8
NC
No Connect
-
H or L or Open: No effect on output frequency or other device functions
9
VDD
Power
-
Connect to VDD
[4]
10
SDA/NC
SDA
– Input/Output
200 kΩ Pull-Up
I
2C Serial Data for DCTCXO Option. NC for TCXO and VCTCXO Options.
NC - No Connect
-
H or L or Open: No effect on output frequency or other device functions
Notes:
3.
In OE mode, a pull-
up resistor of 10 kΩ or less is recommended if pin 1 is not externally driven. If pin 1 needs to be left floating, use the NC option.
4.
0.1 μF capacitor in parallel with a 10 μF capacitor are required between Vdd and GND.


Similar Part No. - SIT5357

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT5356 SITIME-SIT5356 Datasheet
1Mb / 36P
   1 to 60 MHz,(-)0.1 to (-)0.25 ppm Elite Platform Precision Super-TCXO
More results

Similar Description - SIT5357

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT5356 SITIME-SIT5356 Datasheet
1Mb / 36P
   1 to 60 MHz,(-)0.1 to (-)0.25 ppm Elite Platform Precision Super-TCXO
SIT5157 SITIME-SIT5157 Datasheet
1Mb / 36P
   60 to 220 MHz, (-)0.5 ppm Elite Platform Super-TCXO
SIT5156 SITIME-SIT5156 Datasheet
1Mb / 36P
   1 to 60 MHz, (-)0.5 ppm Elite Platform Super-TCXO
SIT5155 SITIME-SIT5155 Datasheet
1Mb / 36P
   0.5 ppm Elite Platform Precision Super-TCXO for GNSS/GPS
SIT3521 SITIME-SIT3521 Datasheet
1Mb / 44P
   1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
logo
Vishay Siliconix
PNM VISHAY-PNM Datasheet
99Kb / 4P
   Precision Thin Film Non-Magnetic Resistor, Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %
Revision: 07-Aug-14
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
logo
PETERMANN-TECHNIK
OC14 PETERMANN-OC14 Datasheet
72Kb / 2P
   HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -0.1 PPM
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
logo
STMicroelectronics
STB20NM60A-1 STMICROELECTRONICS-STB20NM60A-1 Datasheet
309Kb / 12P
   N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com