Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT5155 Datasheet(PDF) 8 Page - SiTime Corp.

Part # SIT5155
Description  0.5 ppm Elite Platform Precision Super-TCXO for GNSS/GPS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT5155 Datasheet(HTML) 8 Page - SiTime Corp.

Back Button SIT5155 Datasheet HTML 4Page - SiTime Corp. SIT5155 Datasheet HTML 5Page - SiTime Corp. SIT5155 Datasheet HTML 6Page - SiTime Corp. SIT5155 Datasheet HTML 7Page - SiTime Corp. SIT5155 Datasheet HTML 8Page - SiTime Corp. SIT5155 Datasheet HTML 9Page - SiTime Corp. SIT5155 Datasheet HTML 10Page - SiTime Corp. SIT5155 Datasheet HTML 11Page - SiTime Corp. SIT5155 Datasheet HTML 12Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
SiT5155 ±0.5 ppm Elite Platform™ Precision Super-TCXO for GNSS/GPS
PRELIMINARY
Rev 0.60
Page 8 of 36
www.sitime.com
9
8
7
6
1
2
3
4
5
10
Power
Supply
Vdd
Test Point
Any state
or floating
NC
Function
CLK
SCL
SDA
15pF
(including probe
and fixture
capacitance)
10µF
0.1µF
+
-
Figure 12. LVCMOS Test Circuit (I
2C Control)
9
8
7
6
1
2
3
4
5
10
Power
Supply
Vdd
Test Point
Any state
or floating
NC
Function
CLK
SCL
SDA
10pF
10kΩ
(including probe
and fixture
resistance and
capacitance)
10µF
0.1µF
+
-
Figure 13. Clipped Sinewave Test Circuit (I
2C Control)


Similar Part No. - SIT5155

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT5156 SITIME-SIT5156 Datasheet
1Mb / 36P
   1 to 60 MHz, (-)0.5 ppm Elite Platform Super-TCXO
SIT5157 SITIME-SIT5157 Datasheet
1Mb / 36P
   60 to 220 MHz, (-)0.5 ppm Elite Platform Super-TCXO
More results

Similar Description - SIT5155

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT5157 SITIME-SIT5157 Datasheet
1Mb / 36P
   60 to 220 MHz, (-)0.5 ppm Elite Platform Super-TCXO
SIT5156 SITIME-SIT5156 Datasheet
1Mb / 36P
   1 to 60 MHz, (-)0.5 ppm Elite Platform Super-TCXO
SIT5357 SITIME-SIT5357 Datasheet
1Mb / 36P
   60 to 220 MHz, (-)0.1 to (-)0.25 ppm Elite Platform Precision Super-TCXO
SIT5356 SITIME-SIT5356 Datasheet
1Mb / 36P
   1 to 60 MHz,(-)0.1 to (-)0.25 ppm Elite Platform Precision Super-TCXO
logo
Yuechung International ...
YIC51818GM-37 YIC-YIC51818GM-37 Datasheet
505Kb / 12P
   GPS/GNSS Antenna Module
logo
American Accurate Compo...
JXTXGPS-GN-AV AAC-JXTXGPS-GN-AV Datasheet
130Kb / 1P
   GPS/GNSS Aviation Antenna
logo
Yuechung International ...
YIC51616GMS-37 YIC-YIC51616GMS-37 Datasheet
781Kb / 13P
   GPS/GNSS Antenna Module
YIC51513PGM-37 YIC-YIC51513PGM-37 Datasheet
189Kb / 10P
   GPS/GNSS Antenna Module
logo
Fox Electronics
FOX923-GP FOX-FOX923-GP Datasheet
173Kb / 1P
   SMD TCXO/VCTCXO for GPS Applications
logo
Golledge Electronics Lt...
GTXO-93T GOLLEDGE-GTXO-93T Datasheet
593Kb / 5P
   1.8V ~ 3.6V SM TCXO for GPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com