Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D24-1300HS Datasheet(PDF) 9 Page - Wall Industries,Inc.

Part # JFCW48D24-1300HS
Description  Up to 15 Watts DC/DC Converter Single Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D24-1300HS Datasheet(HTML) 9 Page - Wall Industries,Inc.

Back Button JFCW48D24-1300HS Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D24-1300HS Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D24-1300HS Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D24-1300HS Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D24-1300HS Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D24-1300HS Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D24-1300HS Datasheet HTML 9Page - Wall Industries,Inc. JFCW48D24-1300HS Datasheet HTML 10Page - Wall Industries,Inc. JFCW48D24-1300HS Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev G
JFCW SERIES
Up to 15 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 9 of 11
Input Source Impedance
The power module should be connected to a low impedance input source. Highly inductive source impedance can affect the stability of
the power module.
Install CSIM and LSIM to stimulate the impedance of power source. External input capacitors CFILTER serve primarily as energy-storage
elements, minimizing line voltage variations caused by transient IR drops in conductors from backplane to the DC/DC. The capacitor
must as close as possible to the input terminals of the power module for lower impedance. For the input reflected-ripple current
measurement configuration is shown below:
Input reflected-ripple current measurement setup
JFCWxxSxx-xxxx
Component
Value
Voltage
Reference
LSIM
12µH
----
Inductor
CSIM~CFILTER
10µF
100V
Nippon chemi-con KY-series


Similar Part No. - JFCW48D24-1300HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D24-10DH WALL-JFCW48D24-10DH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D24-10FH WALL-JFCW48D24-10FH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D24-10GH WALL-JFCW48D24-10GH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D24-10RFH WALL-JFCW48D24-10RFH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D24-10RH WALL-JFCW48D24-10RH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFCW48D24-1300HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com