Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR12N25D Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR12N25D
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR12N25D Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR12N25D Datasheet HTML 2Page - International Rectifier IRFR12N25D Datasheet HTML 3Page - International Rectifier IRFR12N25D Datasheet HTML 4Page - International Rectifier IRFR12N25D Datasheet HTML 5Page - International Rectifier IRFR12N25D Datasheet HTML 6Page - International Rectifier IRFR12N25D Datasheet HTML 7Page - International Rectifier IRFR12N25D Datasheet HTML 8Page - International Rectifier IRFR12N25D Datasheet HTML 9Page - International Rectifier IRFR12N25D Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com
IRFR12N25D/IRFU12N25D
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
25
50
75
100
125
150
175
0
110
220
330
440
550
Starting T , Junction Temperature
( C)
J
°
ID
TOP
BOTTOM
3.4A
5.9A
8.4A


Similar Part No. - IRFR12N25D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
   HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
logo
Kersemi Electronic Co.,...
IRFR12N25DPBF KERSEMI-IRFR12N25DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR12N25DTRPBF IRF-IRFR12N25DTRPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR12N25D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com