Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S3.3-1300RF Datasheet(PDF) 11 Page - Wall Industries,Inc.

Part # JFC12S3.3-1300RF
Description  Six-Sided Shielding
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S3.3-1300RF Datasheet(HTML) 11 Page - Wall Industries,Inc.

Back Button JFC12S3.3-1300RF Datasheet HTML 3Page - Wall Industries,Inc. JFC12S3.3-1300RF Datasheet HTML 4Page - Wall Industries,Inc. JFC12S3.3-1300RF Datasheet HTML 5Page - Wall Industries,Inc. JFC12S3.3-1300RF Datasheet HTML 6Page - Wall Industries,Inc. JFC12S3.3-1300RF Datasheet HTML 7Page - Wall Industries,Inc. JFC12S3.3-1300RF Datasheet HTML 8Page - Wall Industries,Inc. JFC12S3.3-1300RF Datasheet HTML 9Page - Wall Industries,Inc. JFC12S3.3-1300RF Datasheet HTML 10Page - Wall Industries,Inc. JFC12S3.3-1300RF Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 11 of 11
MODEL NUMBER SETUP
JFC
24
S
12
-
1300
D
Series Name
Input Voltage
Output Quantity
Output Voltage
Ouptut Current
Suffix
12: 9~18VDC
S: Single
3.3: 3.3VDC
4000: 4000mA
Blank: Pos. Remote ON/OFF
24: 18~36VDC
D: Dual
5: 5VDC/±5VDC
3000: 3000mA
R: Neg. Remote ON/OFF
48: 36~75VDC
12: 12VDC/±12VDC
1500: ±1500mA
D: Without ON/OFF Pin
15: 15VDC/±15VDC
1300: 1300mA
G: Without ON/OFF & TRIM pin
24: 24VDC/±24VDC
1000: 1000mA
RF: Neg. Remote ON/OFF without TRIM pin
625: 625mA/±625mA
F: Pos. Remote ON/OFF without TRIM pin
500: ±500mA
315: ±315mA
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - JFC12S3.3-1300RF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S3.3-20 WALL-JFC12S3.3-20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
JFC12S3.3-4000 WALL-JFC12S3.3-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JFC12S3.3-4000 WALL-JFC12S3.3-4000 Datasheet
140Kb / 5P
   15 Watt DC/DC Converter
More results

Similar Description - JFC12S3.3-1300RF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
   Integrated EMI shielding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com