Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIIPM25P12B008 Datasheet(PDF) 14 Page - International Rectifier

Part # PIIPM25P12B008
Description  NPT IGBTs 25A, 1200V
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM25P12B008 Datasheet(HTML) 14 Page - International Rectifier

Back Button PIIPM25P12B008 Datasheet HTML 10Page - International Rectifier PIIPM25P12B008 Datasheet HTML 11Page - International Rectifier PIIPM25P12B008 Datasheet HTML 12Page - International Rectifier PIIPM25P12B008 Datasheet HTML 13Page - International Rectifier PIIPM25P12B008 Datasheet HTML 14Page - International Rectifier PIIPM25P12B008 Datasheet HTML 15Page - International Rectifier PIIPM25P12B008 Datasheet HTML 16Page - International Rectifier PIIPM25P12B008 Datasheet HTML 17Page - International Rectifier PIIPM25P12B008 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
www.irf.com
14
PIIPM25P12B008
I27147 02 - Oct
reference voltages. In fact if the 5V linear
regulator drifts in temperature or time, then all
references (even the 3.30V being this a simple
partitioning) follow in track and still keep the
overall chain precision. The trimming is then
done only once, in a single point of the measuring
chain, that is the conditioning op-amp collecting
the current sensing ICs signal as will then be
described in the following chapter.
3. Current sensing interfaces, over-current
protections and signal conditioning.
This block is the real critical point of the system.
Current measuring performances directly impact
on motor control performances in a servo
application: errors in current evaluation, delay in
its measuring chain or poor overall precision of
the system, such as scarce references or lower
number of significant A/D bits, inevitably results
in unwanted trembling and unnatural noise
coming from the motor while running at lower
speed or at blocked shaft conditions.
In the PI-IPM25P12B008 the current sensing
function is done through three sensing resistors
dropout measurement, one on each output phase,
with the benefit of a lower area and somewhat a
lower cost compared to the well-known Hall
effect devices. This solution has the added value
of having the shunts element embedded in the
power module with all Kelvin connections
available, avoiding any noise due to long routing
of power paths.
As the block schematic on page 2 shows, the
voltage across each sensing resistor is applied,
through an anti-aliasing 400kHz filter, at the
input of a current sense IC and then to a signal
conditioning circuit.
Though the block schematic here shows an Op-
Amp plus an external passive filter this is simply
realized implementing a VCVS cell (i.e. a
Constant Gain or Sallen – Key cell) configured so
that the offset and gain is easily trimmed by three
on board resistors. The filter implemented is a
second order Bessel with 5.5kHz pole frequency,
the reason for this is that this type of polynomials
are calculated with the aim of having a constant
group delay within the pass-band frequencies,
thus giving the minimum waveform distortion to
the output signal up to almost twice the filter
pole. In other words we could also say that the
group delay of the signal chain from the sensing
resistor up to the ADC input of the DSP is
constant from 0 to 5.5kHz.
Signal outputted from the overall chain has a 0 to
+3.30V dynamic, with a sensing resistor of
4mohms the input measured current range is +/-
50A then we have a situation as follows:
V
A
V
A
V
A
30
.
3
50
65
.
1
00
.
0
0
.
0
50
=
+
=
=
Summing
up
our
current
measurements
performances are shown in the following table:
The
“2406A”
DSP
has
a
10bit
ADC,
consequently the PI-IPM25P12B008 has a
minimum
appreciable
current
step
of
approximately:
Α
=
=
0976
.
0
2
50
*
2
10
LSB
that is:
mA
LSB 98
1
The over current protection is provided also
through the current sensing ICs, the related fault
signal is activated when a 250mV voltage across
sensing pins is detected, this means an over-
current detection level of approximately 25%.
The delay of this line is around 3
µs, fast enough
to let the DSP react within the 10
µs IGBTs short
circuit rating, thus providing full device
protection for any phase-to-ground and phase-to-
phase short circuits. The only failure not covered
in this way is the shoot-through, where high
current levels cannot be detected from outside the
module rather internally between two IGBTs of
PI-IPM Current sensing chain typical
performances
Value
Units
current range
+/- 50
A
Gain and Offset
precision
+/- 1.8
%
bandwidth
5.5
kHz
latency time
10
µs


Similar Part No. - PIIPM25P12B008

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
PIIPM50E06A004 IRF-PIIPM50E06A004 Datasheet
963Kb / 28P
   Programmable Isolated IPM
PIIPM50E06A004X IRF-PIIPM50E06A004X Datasheet
963Kb / 28P
   Programmable Isolated IPM
PIIPM50E06B004 IRF-PIIPM50E06B004 Datasheet
963Kb / 28P
   Programmable Isolated IPM
PIIPM50E06B004X IRF-PIIPM50E06B004X Datasheet
963Kb / 28P
   Programmable Isolated IPM
More results

Similar Description - PIIPM25P12B008

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EMP25P12B IRF-EMP25P12B Datasheet
1Mb / 15P
   NPT IGBTs 25A, 1200V
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
   1200V, 25A, Trench NPT IGBT
NCE25GD120T NCEPOWER-NCE25GD120T Datasheet
323Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
logo
Intersil Corporation
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs
January 2000
HGTP5N120CN INTERSIL-HGTP5N120CN Datasheet
80Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com