Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D15-4000HS Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # JFCW48D15-4000HS
Description  Up to 15 Watts DC/DC Converter Single Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D15-4000HS Datasheet(HTML) 7 Page - Wall Industries,Inc.

Back Button JFCW48D15-4000HS Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D15-4000HS Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D15-4000HS Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D15-4000HS Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D15-4000HS Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D15-4000HS Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D15-4000HS Datasheet HTML 9Page - Wall Industries,Inc. JFCW48D15-4000HS Datasheet HTML 10Page - Wall Industries,Inc. JFCW48D15-4000HS Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Rev G
JFCW SERIES
Up to 15 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 11
2” x 2” Heat Sink
OUTPUT VOLTAGE ADJUSTMENT
Output Voltage Adjustment
Output voltage set point adjustment allows the user to increase or decrease the output voltage set point of the module. This is
accomplished by connecting an external resistor between the TRIM pin and either the +OUTPUT or –OUTPUT pins. With an external
resistor between the TRIM and –OUTPUT pin, the output voltage set point increases. With an external resistor between the TRIM and
+OUTPUT pin, the output voltage set point decreases. The external TRIM resistor needs to be at least 1/16W of rated power.
Trim Up Equation
Trim Down Equation
Trim Constants
Module
G
H
K
L
JFCWxxS3.3-xxxx
5110
2050
0.8
2.5
JFCWxxS5-xxxx
5110
2050
2.5
2.5
JFCWxxS12-xxxx
10000
5110
9.5
2.5
JFCWxxS15-xxxx
10000
5110
12.5
2.5
JFCWxxS24-xxxx
56000
13000
21.5
2.5
Output Voltage Adjustment Configurations


Similar Part No. - JFCW48D15-4000HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D15-10 WALL-JFCW48D15-10 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D15-10DH WALL-JFCW48D15-10DH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D15-10FH WALL-JFCW48D15-10FH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D15-10GH WALL-JFCW48D15-10GH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D15-10RFH WALL-JFCW48D15-10RFH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFCW48D15-4000HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com