Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRD3CH42DB6 Datasheet(PDF) 1 Page - International Rectifier

Part # IRD3CH42DB6
Description  Industrial Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRD3CH42DB6 Datasheet(HTML) 1 Page - International Rectifier

  IRD3CH42DB6 Datasheet HTML 1Page - International Rectifier IRD3CH42DB6 Datasheet HTML 2Page - International Rectifier IRD3CH42DB6 Datasheet HTML 3Page - International Rectifier IRD3CH42DB6 Datasheet HTML 4Page - International Rectifier IRD3CH42DB6 Datasheet HTML 5Page - International Rectifier IRD3CH42DB6 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRD3CH42DB6
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
April 09, 2014
Applications
 Industrial Motor Drive
 Uninterruptible Power Supply
 Welding
 Solar Inverter
Mechanical Parameters
Die Size
6.53 x 6.53
Anode Pad Size
5.08 x 5.10
Area Total / Active
42.6/29.4
Thickness
330
µm
Wafer Size
150
mm
Minimum Street Width
100
µm
Flat Position
0
Degree
Maximum-Possible Chips per Wafer
331pcs
Passivation Frontside
Silicon Nitride
Front Metal-Anode Pad
Al-1%Si (3µm)
Backside Metal
Cr /Ni /Ag
Die Bond
Electrically conductive epoxy or solder
Reject Ink Dot Size
0.25mm min (black, center)
Recommended Storage Environment
Store in original container, in dry Nitrogen,
<6 months at an ambient temperature of 23°C
mm2
Features
Benefits
Low VF
High efficiency in a wide range of applications
Ultra Fast-Soft Recovery
Performance optimized for IGBT anti parallel diode
VRRM = 1200V
IF (Nominal) = 75A
TJ (max) = 150°C
VF typ = 2.3V
Chip Type
VRRM
Package Type
IF(Nominal)
Die Size
IRD3CH42DB6
1200V
75A
6.53 x 6.53mm2
Wafer
Ultra Fast-Soft Recovery Diode
A
C
C
A
Cathode
Anode


Similar Part No. - IRD3CH42DB6

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRD3CH101DB6 IRF-IRD3CH101DB6 Datasheet
228Kb / 6P
   Ultra Fast-Soft Recovery Diode
IRD3CH16DB6 IRF-IRD3CH16DB6 Datasheet
235Kb / 6P
   Industrial Motor Drive
IRD3CH24DB6 IRF-IRD3CH24DB6 Datasheet
186Kb / 6P
   Industrial Motor Drive
IRD3CH31DB6 IRF-IRD3CH31DB6 Datasheet
217Kb / 6P
   Industrial Motor Drive
IRD3CH53DB6 IRF-IRD3CH53DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
More results

Similar Description - IRD3CH42DB6

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
   Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
   Industrial Motor Drive
IRD3CH16DB6 IRF-IRD3CH16DB6 Datasheet
235Kb / 6P
   Industrial Motor Drive
IRF2805STRLPBF IRF-IRF2805STRLPBF Datasheet
337Kb / 11P
   Industrial Motor Drive
IRD3CH5DB6 IRF-IRD3CH5DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
IRGR4607DPBF IRF-IRGR4607DPBF Datasheet
838Kb / 16P
   Industrial Motor Drive
IRD3CH24DB6 IRF-IRD3CH24DB6 Datasheet
186Kb / 6P
   Industrial Motor Drive
IRD3CH31DB6 IRF-IRD3CH31DB6 Datasheet
217Kb / 6P
   Industrial Motor Drive
IRD3CH53DB6 IRF-IRD3CH53DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
IRGP4660DPBF IRF-IRGP4660DPBF Datasheet
348Kb / 12P
   INDUSTRIAL MOTOR DRIVE, INVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com