Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F800B70TI Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EN29F800B70TI
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800B70TI Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EN29F800B70TI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F800B70TI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F800B70TI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F800B70TI Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F800B70TI Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F800B70TI Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F800B70TI Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F800B70TI Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F800B70TI Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
11
EN29F800
Rev. E, Issue Date: 2001/07/05
Reset Command
Writing the reset command to the device resets the device to reading array data. Address bits are don’t-
care for this command.
The reset command may be written between the sequence cycles in an erase command sequence before
erasing begins. This resets the device to reading array data. Once erasure begins, however, the device
ignores reset commands until the operation is complete. The reset command may be written between the
sequence cycles in a program command sequence before programming begins. This resets the device to
reading array data (also applies to programming in Erase Suspend mode). Once programming begins,
however, the device ignores reset commands until the operation is complete.
The reset command may be written between the sequence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command
must be written to return to reading array data (also
applies to autoselect during Erase Suspend).
If DQ5 goes high during a program or erase operation, writing the reset command returns the device to
reading array data (also applies during Erase Suspend).
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manufacturer and devices
codes, and determine whether or not a sector is protected. The Command Definitions table shows the
address and data requirements. This is an alternative method which is intended for PROM programmers
and requires VID on address bit A9.
Two unlock cycles followed by the autoselect command initiate the autoselect command sequence.
Autoselect mode is then entered and the system may read at any address any number of times, without
needing another command sequence.
The system must write the reset command to exit the autoselect mode and return to reading array data.
Word / Byte Programming Command
The device may be programmed by byte or by word, depending on the state of the Byte# Pin.
Programming the EN29F800 is performed by using a four bus-cycle operation (two unlock write
cycles followed by the Program Setup command and Program Data Write cycle). When the program
command is executed, no additional CPU controls or timings are necessary. An internal timer
terminates the program operation automatically. Address is latched on the falling edge of CE or
WE , whichever is last; data is latched on the rising edge of
CE or WE , whichever is first.
Programming status may be checked by sampling data on DQ7 (DATA polling) or on DQ6 (toggle
bit). When the program operation is successfully completed, the device returns to read mode and
the user can read the data programmed to the device at that address. Note that data can not be
programmed from a 0 to a 1. Only an erase operation can change a data from 0 to 1. When
programming time limit is exceeded, DQ5 will produce a logical “1” and a Reset command can return
the device to Read mode.
Chip Erase Command
Chip erase is a six-bus-cycle operation. The chip erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the
chip erase command, which in turn invokes the Embedded Erase algorithm. The device does
not require
the system to preprogram prior to erase. The Embedded Erase algorithm automatically preprograms and
verifies the entire memory for an all zero data pattern prior to electrical erase. The system is not required
to provide any controls or timings during these operations. The Command Definitions table shows the
address and data requirements for the chip erase command sequence.


Similar Part No. - EN29F800B70TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F800B70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com