Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F800T55TI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EN29F800T55TI
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800T55TI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EN29F800T55TI Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F800T55TI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F800T55TI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F800T55TI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F800T55TI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F800T55TI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F800T55TI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F800T55TI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F800T55TI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
4
EN29F800
Rev. E, Issue Date: 2001/07/05
TABLE 2B. BOTTOM BOOT BLOCK SECTOR ARCHITECTURE
ADDRESS RANGE
Sect
or
(X16)
(X8)
SECTOR
SIZE
(Kbytes/
Kwords)
A18
A17
A16
A15
A14
A13
A12
18
78000h-7FFFFh
F0000h – FFFFFh
64/32
1
1
1
1
X
X
X
17
70000h-77FFFh
E0000h – EFFFFh
64/32
1
1
1
0
X
X
X
16
68000h-6FFFFh
D0000h – DFFFFh
64/32
1
1
0
1
X
X
X
15
60000h-67FFFh
C0000h – CFFFFh
64/32
1
1
0
0
X
X
X
14
58000h-5FFFFh
B0000h - BFFFFh
64/32
1
0
1
1
X
X
X
13
50000h-57FFFh
A0000h - AFFFFh
64/32
1
0
1
0
X
X
X
12
48000h-4FFFFh
90000h – 9FFFFh
64/32
1
0
0
1
X
X
X
11
40000h-47FFFh
80000h – 8FFFFh
64/32
1
0
0
0
X
X
X
10
38000h-3FFFFh
70000h –7FFFFh
64/32
0
1
1
1
X
X
X
9
30000h-37FFFh
60000h – 6FFFFh
64/32
0
1
1
0
X
X
X
8
28000h-2FFFFh
50000h – 5FFFFh
64/32
0
1
0
1
X
X
X
7
20000h-27FFFh
40000h – 4FFFFh
64/32
0
1
0
0
X
X
X
6
18000h-1FFFFh
30000h – 3FFFFh
64/32
0
0
1
1
X
X
X
5
10000h-17FFFh
20000h – 2FFFFh
64/32
0
0
1
0
X
X
X
4
08000h-0FFFFh
10000h – 1FFFFh
64/32
0
0
0
1
X
X
X
3
04000h-07FFFh
08000h – 0FFFFh
32/16
0
0
0
0
1
X
X
2
03000h-03FFFh
06000h – 07FFFh
8/4
0
0
0
0
0
1
1
1
02000h-02FFFh
04000h – 05FFFh
8/4
0
0
0
0
0
1
0
0
00000h-01FFFh
00000h – 01FFFh
16/8
0
0
0
0
0
0
X


Similar Part No. - EN29F800T55TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F800T55TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com