Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH314 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH314
Description  Silicon NPN Phototransistor Version 1.3
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH314 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH314 Datasheet HTML 1Page - OSRAM GmbH SFH314 Datasheet HTML 2Page - OSRAM GmbH SFH314 Datasheet HTML 3Page - OSRAM GmbH SFH314 Datasheet HTML 4Page - OSRAM GmbH SFH314 Datasheet HTML 5Page - OSRAM GmbH SFH314 Datasheet HTML 6Page - OSRAM GmbH SFH314 Datasheet HTML 7Page - OSRAM GmbH SFH314 Datasheet HTML 8Page - OSRAM GmbH SFH314 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2016-01-04
1
2016-01-04
Silicon NPN Phototransistor
Version 1.3
SFH 314
Ordering Information
Features:
Spectral range of sensitivity:
(typ) 460 ... 1080 nm
Package: 5mm Radial (T 1 ¾), Epoxy
Special: High linearity
Applications
Computer-controlled flashes
Photointerrupters
Industrial electronics
For control and drive circuits
Type:
Photocurrent
Ordering Code
IPCE [µA]
λ = 950 nm, Ee = 0.5 mW/cm
2,
V
CE = 5 V
SFH 314
≥ 630
Q62702P1668
SFH 314-2/3
1000 ... 3200
Q62702P3600
Note:
Only one bin within one packing unit (variation less than 2:1)


Similar Part No. - SFH314

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH314 SIEMENS-SFH314 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314-2 SIEMENS-SFH314-2 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314-3 SIEMENS-SFH314-3 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314FA SIEMENS-SFH314FA Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
More results

Similar Description - SFH314

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
LPT80A OSRAM-LPT80A Datasheet
204Kb / 9P
   Silicon NPN Phototransistor Version 1.3
BPX-43 OSRAM-BPX-43 Datasheet
574Kb / 10P
   Silicon NPN Phototransistor Version 1.3
SFH310FA OSRAM-SFH310FA Datasheet
273Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPX-38 OSRAM-BPX-38 Datasheet
389Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPY-62 OSRAM-BPY-62 Datasheet
518Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPX-85 OSRAM-BPX-85 Datasheet
331Kb / 11P
   Silicon NPN Phototransistor Arrays Version 1.3
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH3716 OSRAM-SFH3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com