Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT36A3 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT36A3
Description  8-Bit Music Synthesizer MCU
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A3 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT36A3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Carrier Tape Dimensions
SOP 28W (300mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
24.0
±0.3
P
Cavity Pitch
12.0
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
11.5
±0.1
D
Perforation Diameter
1.5+0.1
D1
Cavity Hole Diameter
1.5+0.25
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
10.85
±0.1
B0
Cavity Width
18.34
±0.1
K0
Cavity Depth
2.97
±0.1
t
Carrier Tape Thickness
0.35
±0.01
C
Cover Tape Width
21.3
HT36A3
Rev. 1.00
9
June 30, 2003
P
D 1
W
P 1
P 0
D
E
F
t
K 0
B 0
A 0
C


Similar Part No. - HT36A3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A0 HOLTEK-HT36A0 Datasheet
257Kb / 23P
   8-Bit Music Synthesizer MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
More results

Similar Description - HT36A3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
   Music Synthesizer 8-Bit MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
   8-Bit Music Synthesizer MCU
HT36F6 HOLTEK-HT36F6 Datasheet
296Kb / 37P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com