Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66760 Datasheet(PDF) 61 Page - Hitachi Semiconductor

Part # HD66760
Description  104 X 80-dot Graphics LCD Controller/Driver for 256 Colors
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66760 Datasheet(HTML) 61 Page - Hitachi Semiconductor

Back Button HD66760 Datasheet HTML 57Page - Hitachi Semiconductor HD66760 Datasheet HTML 58Page - Hitachi Semiconductor HD66760 Datasheet HTML 59Page - Hitachi Semiconductor HD66760 Datasheet HTML 60Page - Hitachi Semiconductor HD66760 Datasheet HTML 61Page - Hitachi Semiconductor HD66760 Datasheet HTML 62Page - Hitachi Semiconductor HD66760 Datasheet HTML 63Page - Hitachi Semiconductor HD66760 Datasheet HTML 64Page - Hitachi Semiconductor HD66760 Datasheet HTML 65Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 105 page
background image
HD66760
61
8. Read/Write mode 4: AM = 1, LG2–0 = 100/101
This mode is used when the data is vertically written by comparing the original data and the set value of
the compare register (CP7–0). It reads the display data (original data), which has already been written in
the GRAM, compares the original data and the set value of the compare register in byte units, and writes
the data sent from the microcomputer to the GRAM only when the result of the compare operation
satisfies the condition. This mode reads the data during the same access-pulse width (68-system: enabled
high level, 80-system: RD* low level) as the write operation since reading the original data does not latch
the read data into the microcomputer but temporarily holds it in the read-data latch. However, the bus
cycle requires the same time as the read operation. The swap function (SWP) and write-data mask
function (WM15–0) are also enabled in these operations. After writing, the address counter (AC)
automatically increments by 256, and automatically jumps to the upper-right edge (I/D = 1) or upper-left
edge (I/D = 0) following the I/D bit after it has reached the lower edge of the GRAM.
Notes: 1. The bits in the GRAM indicated by '*' are not changed.
2. After writing to address 4F00H, the AC jumps to 0001H.
WM15
WM0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
DB15
DB0
1 0 1 1 1 1 0 0 0 1 1 0 0 0 0 1
1 1 0 0 0 0 1 1 1 0 0 0 1 1 0 0
1 1 1 1 0 1 0 0 0 0 0 1 1 1 1 1
1 0 0 1 1 0 0 1 0 1 0 1 0 0 1 1
0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 0
0 1 0 1 0 0 1 1 1 0 0 0 0 1 1 0
CP7
CP0
0 1 0 1 0 0 1 1
C
C
C
R
R
R
(Unmatched)
(Unmatched)
(Unmatched)
(Unmatched)
1 0 1 1 1 1 0 0 0 1 0 1 0 0 1 1
1 1 0 0 0 0 1 1 1 0 0 0 1 1 0 0
0 0 0 1 1 1 1 1
0 1 0 1 0 0 1 1
"0000"H
Write data (1)
GRAM
"0080"H
"0100"H
Write data (2)
Write data (3)
"4F00"H
"0000"H
"0001"H
1 0 1 1 1 1 0 0 0 1 0 1 0 0 1 1
1 1 0 0 0 0 1 1 1 0 0 0 1 1 0 0
0 0 0 1 1 1 1 1
0 1 0 1 0 0 1 1
Compare
operation
Compare
operation
Compare
operation
Compare register:
Conditional replacement
Conditional replacement
Conditional replacement
Write data (1):
Write data (2):
Write data (3):
Read data (1):
Read data (2):
Read data (3):
Operation Examples:
1) I/D = "1", AM = "1", LG2-0 = "101" (unmatched write), SWP = "0"
2) CP7–0 = "53H"
3) WM15–0 = "0000"H
4) AC = "000"H
Write-data mask:
Figure 41 Writing Operation of Read/Write Mode 4


Similar Part No. - HD66760

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66765 HITACHI-HD66765 Datasheet
261Kb / 71P
   396-channel Segment Driver with Internal RAM for 4096-color Displays
HD66765TB0 HITACHI-HD66765TB0 Datasheet
261Kb / 71P
   396-channel Segment Driver with Internal RAM for 4096-color Displays
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
More results

Similar Description - HD66760

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66740 HITACHI-HD66740 Datasheet
813Kb / 95P
   112 x 80-dot Graphics LCD Controller/Driver
HD66728 HITACHI-HD66728 Datasheet
5Mb / 134P
   (112 x 80-dot Graphics LCD Controller/Driver)
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
BOWIN ELECTRONIC CO.
LS3321 BOWIN-LS3321 Datasheet
74Kb / 9P
   256 dot LCD micro-controller
logo
Hitachi Semiconductor
HD66750 HITACHI-HD66750 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
logo
OKI electronic componet...
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
   80-DOT LCD DRIVER
logo
Samsung semiconductor
S6A0070 SAMSUNG-S6A0070 Datasheet
399Kb / 41P
   80 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
   80 SEGMENT DRIVER FOR DOT MATRIX LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com