Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZX20CTS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZX20CTS
Description  TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX20CTS Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZX20CTS Datasheet HTML 1Page - Diodes Incorporated DDZX20CTS Datasheet HTML 2Page - Diodes Incorporated DDZX20CTS Datasheet HTML 3Page - Diodes Incorporated DDZX20CTS Datasheet HTML 4Page - Diodes Incorporated DDZX20CTS Datasheet HTML 5Page - Diodes Incorporated DDZX20CTS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS30416 Rev. 2 - 2
2 of 6
DDZX5V1BTS - DDZX47TS
www.diodes.com
Type Number
Marking Code
Zener Voltage Range
(Notes 4,5)
Maximum Zener Impedance
(Note 6)
Maximum Reverse
Current (Note 7)
VZ @IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
Min (V)
Max (V)
mA
W
mA
uA
V
DDZX5V1BTS
KM
4.94
5.20
20
17
480
1
5
1.5
DDZX5V6BTS
KN
5.45
5.73
20
11
400
1
0.5
2.5
DDZX6V2BTS
KO
5.96
6.27
20
7
150
1
0.5
4.0
DDZX6V8CTS
YP
6.66
7.01
20
5
150
0.5
0.1
5.0
DDZX7V5CTS
YQ
7.29
7.67
20
6
120
0.5
0.1
6.0
DDZX8V2CTS
YR
8.03
8.45
20
8
120
0.5
0.1
6.5
DDZX9V1CTS
YS
8.83
9.30
20
8
120
0.5
0.1
7.0
DDZX10CTS
YT
9.70
10.20
20
8
120
0.5
0.1
8.0
DDZX11CTS
YU
10.82
11.38
10
10
120
0.5
0.1
8.4
DDZX12CTS
YV
11.74
12.35
10
12
110
0.5
0.1
9.1
DDZX13BTS
KW
12.55
13.21
10
14
110
0.5
0.1
10.0
DDZX14TS
GX
13.44
14.13
10
16
110
0.5
0.05
11.0
DDZX15TS
GY
14.80
15.57
10
18
150
0.5
0.05
12.0
DDZX16TS
YY
15.69
16.51
10
18
150
0.5
0.05
12.0
DDZX18CTS
YZ
17.42
18.33
10
23
150
0.5
0.05
14.0
DDZX20CTS
PJ
19.23
20.22
10
28
200
0.5
0.05
15.0
DDZX22DTS
2K
21.52
22.63
5
30
200
0.5
0.05
17.0
DDZX24CTS
PL
23.12
24.31
5
35
200
0.5
0.05
19.0
DDZX27DTS
2M
26.29
27.64
5
45
250
0.5
0.05
21.0
DDZX30DS
2N
29.02
30.51
5
55
250
0.5
0.05
23.0
DDZX33TS
RP
32.14
33.79
5
75
250
0.5
0.05
27.0
DDZX36TS
ZQ
35.36
37.19
5
85
250
0.5
0.05
30.0
DDZX39FTS
5Q
38.14
40.11
5
85
250
0.5
0.05
30.0
DDZX43TS
ZR
42.14
43.86
5
90
¾¾
0.05
33.0
DDZX47TS
ZS
46.06
47.94
5
90
¾¾
0.05
36.0
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
4. The Zener voltage is measured 40ms after power is supplied.
5. For inquiries on tighter tolerances, or alternate nominal zener voltages, please contact your Diodes Inc.
sales representative for availability and minimum order details.
6. f = 1kHz.
7. Short duration test pulse used to minimize self-heating effect.


Similar Part No. - DDZX20CTS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX20CTS DIODES-DDZX20CTS Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
DDZX20CTS-7 DIODES-DDZX20CTS-7 Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
More results

Similar Description - DDZX20CTS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX5V1BTS DIODES-DDZX5V1BTS_1 Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
DDZX9689TS DIODES-DDZX9689TS Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com