Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR8501 Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. LR8501
Description  1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8501 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8501 Datasheet HTML 1Page - Leshan Radio Company LR8501 Datasheet HTML 2Page - Leshan Radio Company LR8501 Datasheet HTML 3Page - Leshan Radio Company LR8501 Datasheet HTML 4Page - Leshan Radio Company LR8501 Datasheet HTML 5Page - Leshan Radio Company LR8501 Datasheet HTML 6Page - Leshan Radio Company LR8501 Datasheet HTML 7Page - Leshan Radio Company LR8501 Datasheet HTML 8Page - Leshan Radio Company LR8501 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LR8501①②③④
INTRODUCTION:
FEATURES:
The LR8501
is a 1.5MHz constant
frequency, slope compensated current
mode
PWM
synchronous
step-down
converter. It is ideal for powering portable
equipment which runs from a single cell
Lithium-Ion battery. 100% duty cycle
provides low dropout operation, extending
battery life in portable systems. In power
saving mode, 40μA quiescent current is
very suitable for DSP/MCU in standby
operation; and in active mode, low output
ripple voltage is good enough for noise
sensitive applications. The two modes can
be automatically switched according to the
load current.
High efficiency : Up to 96%
Output Current: 600mA (Typ.)
1.5MHz Constant Switching Frequency
No Schottky Diode Required
Input Voltage: 1.8V to 5.5V
0.6V Reference Allows Low Output
Voltage
Low Dropout: 100% duty Cycle
Low Quiescent Current: 40μA
Shutdown Current: <1μA
Current Mode Operation for Excellent
Line and Load Transient Response
Built-in Thermal Protection
Package: SOT-23-5
APPLICATIONS:
Cellular and Smart Phones
Personal Information Appliances
Wireless and DSL Modems
Digital Still and Video Cameras
Microprocessors Core Supplies
Portable consumer equipments
PIN CONFIGURATION:
ORDER INFORMATION:
DESIGNATOR
SYMBOL
DESCRIPTION
A
Standard
②③
Integer
Output Voltage
e.g.1.8V=②:1, ③:8
Adj=②:, ③:
M/MR
Package:SOT-23-5
1.5MHz 600mA Synchronous Step-Down
Converter with Low Quiescent Current
LR8501 Series
LESHAN RADIO COMPANY, LTD.
1/11
Ver1.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn