Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR8501 Datasheet(PDF) 4 Page - Leshan Radio Company

Part No. LR8501
Description  1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

LR8501 Datasheet(HTML) 4 Page - Leshan Radio Company

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TYPICAL APPLICATION CIRCUITS
C1
4.7μF
L1
2.2μH
C3
10μF
VOUT
1.8V
OFF ON
VSS
CE
VOUT
SW
VIN
VIN
Figure1 Basic Application Circuit
TYPICAL PERFORMANCE CHARACTERISTICS
(Test Figure1 above unless otherwise specified)
LESHAN RADIO COMPANY, LTD.
4/11


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn