Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR8425 Datasheet(PDF) 6 Page - Leshan Radio Company

Part No. LR8425
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

LR8425 Datasheet(HTML) 6 Page - Leshan Radio Company

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TYPICAL APPLICATION CIRCUIT
VIN
SW
LBI
CE
AVOUT
PGND
FB
AGND
8425
L1
VBAT
VOUT=5V
C9
C4
R2
R1
148.4K
470K
22
F
22
F 100 F
1.5
H
LBO
C2
22
F
C1
PVOUT
R5
100K
C8
1
F
R7
0
200K
R3 300K
C6
1
F
0.1
22
F/ 6.3V
R4
VIN:1.8V~4.35V
Figure 1 Standard Application Circuit
LESHAN RADIO COMPANY, LTD.
Ver0.5
6/7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn