Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8425 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR8425
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8425 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR8425 Datasheet HTML 1Page - Leshan Radio Company LR8425 Datasheet HTML 2Page - Leshan Radio Company LR8425 Datasheet HTML 3Page - Leshan Radio Company LR8425 Datasheet HTML 4Page - Leshan Radio Company LR8425 Datasheet HTML 5Page - Leshan Radio Company LR8425 Datasheet HTML 6Page - Leshan Radio Company LR8425 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RECOMMENDED OPERATING CONDITIONS
(5)
MIN
NOM
MAX
UNITS
Supply voltage at VIN
1.8
5.25
V
Output voltage at PVOUT, AVOUT
2.5
5.5
V
CE
0
VOUT+0.3
V
All other pins
0
5.5
V
Operating Ambient temperature range, TA
-40
85
°C
Operating junction temperature range, Tj
-40
125
°C
(5) The device is not guaranteed to function outside its operating conditions.
ELECTRICAL CHARACTERISTICS
(VCE=VIN=2.4V, VOUT=5V, IOUT=500mA, TA=25°C, unless otherwise specified)
PARAM ETER
SYM BOL
CONDITIONS
MIN
TYP
(6)
MAX
UNITS
Input VIN UVLO Threshold
VUVLO
VIN Rising
1.78
V
VIN UVLO Hysteresis
VUVLO_HYS
0.1
V
Quiescent Current
VIN
IQ
VCE=VIN=1.8V, VOUT=5V, no load,
Measured on VIN pin
10
μA
VOUT
VCE=VIN=1.8V, VOUT=5V, no load,
Measured on VOUT pin
27
μA
Shutdown Current
ISHDN
VCE=0V, VIN=2.4V
0.1
1
μA
CE High-Level Threshold
VCEH
CE Rising
1.2
V
CE Low-Level Threshold
VCEL
CE Falling
0.3
V
Soft-start time
TSS
1
ms
Linear Charge Current Limit
(7)
ICHARGE
VOUT 1V
8425A
0.75
A
8425B
1.3
A
1V<VOUT<90%VIN
8425A
0.7
A
8425B
1.2
A
Output Discharge Resistor
RDSC
For
8425A only
100
Ω
Low Side Main N-FET RON
RNDS(ON)
VOUT=5V
20
m
Ω
Synchronous P-FET RON
RPDS(ON)
VOUT=5V
40
m
Ω
Switching Frequency
FSW
500
KHz
Maximum Duty Cycle
DMAX
90
95
%
Main N-FET Current Limit
(7) (8)
ILIM1
5.0
6.5
A
Feedback Reference Voltage
VREF
1.182
1.2
1.218
V
Output Over Voltage Protection
VOVP
5.8
V
LBI Voltage Threshold
VLBI
VIN Falling
1.176
1.2
1.224
V
LBI Input Hysteresis
VLBI_HYS
20
mV
Thermal Shutdown
(7)
TSD
150
°C
Thermal Shutdown Hysteresis
(7)
THYS
20
°C
(6) Typical numbers are at 25°C and represent the most likely norm.
(7) Specification is guaranteed by characterization and not 100% tested in production.
(8) Duty cycle affects current limit due to ramp generator.
LESHAN RADIO COMPANY, LTD.
Ver0.5
5/7


Similar Part No. - LR8425

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8421AES LRC-LR8421AES Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LR8425

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
logo
Richtek Technology Corp...
RT4841 RICHTEK-RT4841 Datasheet
337Kb / 16P
   5A Synchronous Boost Converter with Output Isolation MOS
Features
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
   1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com