Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8421AES Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR8421AES
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8421AES Datasheet(HTML) 7 Page - Leshan Radio Company

  LR8421AES Datasheet HTML 1Page - Leshan Radio Company LR8421AES Datasheet HTML 2Page - Leshan Radio Company LR8421AES Datasheet HTML 3Page - Leshan Radio Company LR8421AES Datasheet HTML 4Page - Leshan Radio Company LR8421AES Datasheet HTML 5Page - Leshan Radio Company LR8421AES Datasheet HTML 6Page - Leshan Radio Company LR8421AES Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGING INFORMATION
SOP8-PP Package Outline Dimensions
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0. 250
0.006
0.010
D
4.700
5.100
0.185
0.200
D1
3.100
3.500
0.122
0.137
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
E2
2.200
2.600
0.086
0.102
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.050
LESHAN RADIO COMPANY, LTD.
Ver0.1
7/7


Similar Part No. - LR8421AES

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8425AQD10 LRC-LR8425AQD10 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8425BQD10 LRC-LR8425BQD10 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LR8421AES

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
logo
Richtek Technology Corp...
RT4841 RICHTEK-RT4841 Datasheet
337Kb / 16P
   5A Synchronous Boost Converter with Output Isolation MOS
Features
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
   1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com