Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8064 Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR8064
Description  200mA Low Consumption Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8064 Datasheet(HTML) 8 Page - Leshan Radio Company

  LR8064 Datasheet HTML 1Page - Leshan Radio Company LR8064 Datasheet HTML 2Page - Leshan Radio Company LR8064 Datasheet HTML 3Page - Leshan Radio Company LR8064 Datasheet HTML 4Page - Leshan Radio Company LR8064 Datasheet HTML 5Page - Leshan Radio Company LR8064 Datasheet HTML 6Page - Leshan Radio Company LR8064 Datasheet HTML 7Page - Leshan Radio Company LR8064 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package
TO-92
Devices per Bag
1000Pcs
Unit
mm
Package Dimension:
LESHAN RADIO COMPANY, LTD.
8/8


Similar Part No. - LR8064

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
   200mA Low Consumption Linear Regulator
More results

Similar Description - LR8064

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
   200mA Low Consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
   200mA Low Consumption Linear Regulator
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
logo
Leshan Radio Company
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
   200mA Low Consumption Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8064 BELLING-BL8064 Datasheet
671Kb / 9P
   200mA Low Consumption Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
   10V Input, 200mA Low Consumption Current Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
   250mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE517C ACE-ACE517C Datasheet
923Kb / 9P
   2A Low Consumption Linear Regulator
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM6119 HMSEMI-HM6119 Datasheet
1Mb / 7P
   2A Low Consumption Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com