Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2225 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2225 Datasheet HTML 12Page - Monolithic Power Systems MP2225 Datasheet HTML 13Page - Monolithic Power Systems MP2225 Datasheet HTML 14Page - Monolithic Power Systems MP2225 Datasheet HTML 15Page - Monolithic Power Systems MP2225 Datasheet HTML 16Page - Monolithic Power Systems MP2225 Datasheet HTML 17Page - Monolithic Power Systems MP2225 Datasheet HTML 18Page - Monolithic Power Systems MP2225 Datasheet HTML 19Page - Monolithic Power Systems MP2225 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP2225 –18V/5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2225 Rev. 1.01
www.MonolithicPower.com
18
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 11: 12VIN, 1.5V/5A
Figure 12: 12VIN, 1.8V/5A
Figure 13: 12VIN, 2.5V/5A


Similar Part No. - MP2225

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2225DJ MPS-MP2225DJ Datasheet
191Kb / 5P
   High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
More results

Similar Description - MP2225

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
   High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MP92265 MPS-MP92265 Datasheet
1Mb / 16P
   18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
   High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
   500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
   500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
EV2225-J-00A MPS-EV2225-J-00A Datasheet
191Kb / 5P
   High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com