Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S24-1500G Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JFC12S24-1500G
Description  Six-Sided Shielding
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S24-1500G Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JFC12S24-1500G Datasheet HTML 1Page - Wall Industries,Inc. JFC12S24-1500G Datasheet HTML 2Page - Wall Industries,Inc. JFC12S24-1500G Datasheet HTML 3Page - Wall Industries,Inc. JFC12S24-1500G Datasheet HTML 4Page - Wall Industries,Inc. JFC12S24-1500G Datasheet HTML 5Page - Wall Industries,Inc. JFC12S24-1500G Datasheet HTML 6Page - Wall Industries,Inc. JFC12S24-1500G Datasheet HTML 7Page - Wall Industries,Inc. JFC12S24-1500G Datasheet HTML 8Page - Wall Industries,Inc. JFC12S24-1500G Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 11
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF CONTROL(5)
Positive Logic (standard)
DC-DC ON
Open or 3~15VDC
DC-DC OFF
Short or 0~1.2VDC
Negative Logic (option)
DC-DC ON
Short or 0~1.2VDC
DC-DC OFF
Open or 3~15VDC
Input Current of CTRL Pin
-0.5
1.0
mA
Remote OFF Input Current
2.5
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of Lout Rated; Hiccup Mode
150
%
Over Voltage Protection
3.3Vout
3.7
5.4
VDC
5Vout
5.6
7.0
12Vout
13.5
19.6
15Vout
16.8
20.5
24Vout
29.1
32.5
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Without Derating
-40
+60
ºC
With Derating
+60
+105
Maximum Case Temperature
105
ºC
Storage Temperature Range
-55
+125
ºC
Thermal Impedance(6)
Natural Convection (20LFM)
Without Heat-Sink
18.2
ºC/W
With Heat-Sink
15.8
Thermal Shock
MIL-STD-810F
Relative Humidity
5
95
%RH
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
1.600 x 106 hrs
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
360
400
440
kHz
Isolation Voltage
1 Minute
Input to Output
1600
VDC
Input (Output) to Case
1000
Isolation Resistance
500VDC
1
G
Ω
Isolation Capacitance
1000
pF
PHYSICAL SPECIFICATIONS
Weight
0.53oz (15g)
Dimensions (L x W x H)
1.0in x 1.0in x 0.39in
(25.4mm x 25.4mm x 9.9mm)
Case Material
Nickel-Coated Copper
Base Material
FR4 PCB
Potting Material
Epoxy (UL94 V-0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
Pending: JFCxxS24-xxxx, JFCxxD24-xxxx
UL60950-1
EN60950-1
IEC60950-1
EMI(7)
EN55022
Class A
Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient(8)
EN61000-4-4
±2kV
Perf. Criteria A
Surge(8)
EN61000-4-5
±1kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
3 Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1
second
Perf. Criteria A


Similar Part No. - JFC12S24-1500G

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S24-10 WALL-JFC12S24-10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JFC12S24-10 WALL-JFC12S24-10 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12S24-10DHC WALL-JFC12S24-10DHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12S24-10FHC WALL-JFC12S24-10FHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12S24-10GHC WALL-JFC12S24-10GHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFC12S24-1500G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
   Integrated EMI shielding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com