Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D5-625RE Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JFCW48D5-625RE
Description  Up to 15 Watts DC/DC Converter Single Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D5-625RE Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JFCW48D5-625RE Datasheet HTML 1Page - Wall Industries,Inc. JFCW48D5-625RE Datasheet HTML 2Page - Wall Industries,Inc. JFCW48D5-625RE Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D5-625RE Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D5-625RE Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D5-625RE Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D5-625RE Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D5-625RE Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D5-625RE Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev G
JFCW SERIES
Up to 15 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 11
Size: 1.0in x 1.0in x 0.39in (25.4mm x 25.4mm x 9.9mm)
OPTIONS
FEATURES
Negative Logic Remote On/Off
Without Trim
Without On/Off Pin
Input Voltage
Output Voltage
Six-Sided Shielding
High Efficiency up to 91%
Fixed Switching Frequency
1600VDC Input to Output Isolation
4:1 Ultra Wide Input Voltage Range
ISO90001 Certified Manufacturing
Facilities
Compliant to RoHS II & Reach
Small Size and Low Profile: 1” x 1” x 0.39”
UL60950-1, EN60950-1, and IEC60950-1 Safety Approvals
CE Marked
Input Under Voltage, Over Current, Short Circuit, and Over
Voltage Protection
Single and Dual Outputs Available
Negative logic remote On/Off Optional
Input Voltage of 9~36VDC or 18~75VDC
APPLICATIONS
DESCRIPTION
Measurement
Telecom/Datacom
Wireless Networks
Industry Control Systems
Semiconductor Equipment
The JFCW series of single and dual output DC DC converters provide up to 15 watts output power in an
industry standard package and footprint. These units are specifically designed to meet power needs in a low
profile package. All models feature a 4:1 wide input voltage range of 9~36VDC or 18~75VDC. Some
features include positive or negative remote on/off, 1600VDC I/O isolation, and trimmable output voltage. All
models are protected against over current, over voltage, input under voltage, and short circuit conditions.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Ripple & Noise
No Load
Input Current(1)
Output
Power
Maximum
Capacitive Load(2)
Efficiency(3)
JFCW24S3.3-4000
9~36
(24VDC)
3.3VDC
4000mA
75mVp-p
45mA
Up to
15W
12000µF
86%
JFCW24S5-3000
5VDC
3000mA
75mVp-p
70mA
6000µF
86%
JFCW24S12-1300
12VDC
1300mA
100mVp-p
20mA
1000µF
87%
JFCW24S15-1000
15VDC
1000mA
100mVp-p
20mA
660µF
87%
JFCW24S24-625
24VDC
625mA
100mVp-p
12mA
200µF
90%
JFCW48S3.3-4000
18~75
(48VDC)
3.3VDC
4000mA
75mVp-p
25mA
Up to
15W
12000µF
86%
JFCW48S5-3000
5VDC
3000mA
75mVp-p
35mA
6000µF
87%
JFCW48S12-1300
12VDC
1300mA
100mVp-p
12mA
1000µF
87%
JFCW48S15-1000
15VDC
1000mA
100mVp-p
12mA
660µF
87%
JFCW48S24-625
24VDC
625mA
100mVp-p
10mA
200µF
91%
Dual Output Models
JFCW24D5-1500
9~36
(24VDC)
±5VDC
±1500mA
100mVp-p
20mA
Up to
15W
±3000µF
85%
JFCW24D12-625
±12VDC
±625mA
100mVp-p
20mA
±520µF
87%
JFCW24D15-500
±15VDC
±500mA
100mVp-p
20mA
±330µF
88%
JFCW24D24-315
±24VDC
±315mA
100mVp-p
15mA
±100µF
91%
JFCW48D5-1500
18~75
(48VDC)
±5VDC
±1500mA
100mVp-p
12mA
Up to
15W
±3000µF
85%
JFCW48D12-625
±12VDC
±625mA
100mVp-p
15mA
±520µF
86%
JFCW48D15-500
±15VDC
±500mA
100mVp-p
20mA
±330µF
87%
JFCW48D24-315
±24VDC
±315mA
100mVp-p
10mA
±100µF
91%


Similar Part No. - JFCW48D5-625RE

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D05-10 WALL-JFCW48D05-10 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D05-10DH WALL-JFCW48D05-10DH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D05-10FH WALL-JFCW48D05-10FH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D05-10GH WALL-JFCW48D05-10GH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D05-10RFH WALL-JFCW48D05-10RFH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFCW48D5-625RE

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com