Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137CV33LL-70BVI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62137CV33LL-70BVI
Description  2M (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CV33LL-70BVI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62137CV33LL-70BVI Datasheet HTML 5Page - Cypress Semiconductor CY62137CV33LL-70BVI Datasheet HTML 6Page - Cypress Semiconductor CY62137CV33LL-70BVI Datasheet HTML 7Page - Cypress Semiconductor CY62137CV33LL-70BVI Datasheet HTML 8Page - Cypress Semiconductor CY62137CV33LL-70BVI Datasheet HTML 9Page - Cypress Semiconductor CY62137CV33LL-70BVI Datasheet HTML 10Page - Cypress Semiconductor CY62137CV33LL-70BVI Datasheet HTML 11Page - Cypress Semiconductor CY62137CV33LL-70BVI Datasheet HTML 12Page - Cypress Semiconductor CY62137CV33LL-70BVI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY62137CV25/30/33 MoBL®
CY62137CV MoBL®
Document #: 38-05201 Rev. *D
Page 9 of 13
Typical DC and AC Parameters
12.0
10.0
6.0
4.0
0
8.0
12.0
10.0
6.0
4.0
2.0
2.2
0.0
8.0
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
MoBL
MoBL
2.2
2.0
(f = fmax,
(f = 1 MHz)
14.0
2.5
2.7
2.5 2.7
12.0
10.0
6.0
4.0
2.0
2.7
3.3
0.0
8.0
SUPPLY VOLTAGE (V)
MoBL
(f = 1 MHz)
14.0
3.0
12.0
10.0
6.0
4.0
2.0
3.0
3.6
0.0
8.0
SUPPLY VOLTAGE (V)
14.0
3.3
MoBL
12.0
10.0
6.0
4.0
2.7
0
8.0
SUPPLY VOLTAGE (V)
3.6
2.0
3.3
12.0
10.0
6.0
4.0
3.0
0
8.0
Standby Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
MoBL
2.0
2.7
3.3
50
30
20
10
3.0
3.6
SUPPLY VOLTAGE (V)
0
40
60
3.3
50
30
20
10
2.2
0
40
60
2.5
2.7
50
30
20
10
SUPPLY VOLTAGE (V)
Access Time vs. Supply Voltage
0
40
60
3.0
2.7
3.3
MoBL
Operating Current vs. Supply Voltage
MoBL
MoBL
MoBL
(Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C)
50
30
20
10
2.7
3.6
SUPPLY VOLTAGE (V)
0
40
60
3.3
MoBL
SUPPLY VOLTAGE (V)
(f = 1 MHz)
12.0
10.0
6.0
4.0
3.0
0
8.0
SUPPLY VOLTAGE (V)
3.6
2.0
3.3
MoBL
55 ns)
(f = fmax,
70 ns)
(f = fmax,
70 ns)
(f = fmax,
55 ns)
(f = fmax,
70 ns)
(f = fmax,
55 ns)
12.0
10.0
6.0
4.0
2.0
2.7
3.6
0.0
8.0
SUPPLY VOLTAGE (V)
14.0
3.3
MoBL
(f = 1 MHz
(f = fmax,
70 ns)
LL
SL
.


Similar Part No. - CY62137CV33LL-70BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV33LL-70BVI CYPRESS-CY62137CV33LL-70BVI Datasheet
875Kb / 13P
   2M (128K x 16) Static RAM
More results

Similar Description - CY62137CV33LL-70BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
CY62137CV25 CYPRESS-CY62137CV25_06 Datasheet
875Kb / 13P
   2M (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com