Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW24S3.3-1000RE Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # JFCW24S3.3-1000RE
Description  Up to 15 Watts DC/DC Converter Single Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW24S3.3-1000RE Datasheet(HTML) 8 Page - Wall Industries,Inc.

Back Button JFCW24S3.3-1000RE Datasheet HTML 3Page - Wall Industries,Inc. JFCW24S3.3-1000RE Datasheet HTML 4Page - Wall Industries,Inc. JFCW24S3.3-1000RE Datasheet HTML 5Page - Wall Industries,Inc. JFCW24S3.3-1000RE Datasheet HTML 6Page - Wall Industries,Inc. JFCW24S3.3-1000RE Datasheet HTML 7Page - Wall Industries,Inc. JFCW24S3.3-1000RE Datasheet HTML 8Page - Wall Industries,Inc. JFCW24S3.3-1000RE Datasheet HTML 9Page - Wall Industries,Inc. JFCW24S3.3-1000RE Datasheet HTML 10Page - Wall Industries,Inc. JFCW24S3.3-1000RE Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev G
JFCW SERIES
Up to 15 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 11
Trim Table
JFCWxxS3.3-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.630
RU (k
Ω)
385.071
191.511
126.990
94.730
75.374
62.470
53.253
46.963
40.963
36.662
TRIM-DOWN
Trim-Down (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.970
RD (k
Ω)
116.719
54.779
34.133
23.810
17.616
13.486
10.537
8.325
6.604
5.228
JFCWxxS5-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
5.050
5.100
5.150
5.200
5.250
5.300
5.350
5.400
5.450
5.500
RU (k
Ω)
253.450
125.700
83.117
61.825
49.050
40.533
34.450
29.888
26.339
23.500
TRIM-DOWN
Trim-Down (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
4.950
4.900
4.850
4.800
4.750
4.700
4.650
4.600
4.550
4.500
RD (k
Ω)
248.340
120.590
78.007
56.715
43.940
35.423
29.340
24.778
21.229
18.390
JFCWxxS12-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
12.120
12.240
12.360
12.480
12.600
12.720
12.840
12.960
13.080
13.200
RU (k
Ω)
203.223
99.057
64.334
46.973
36.557
29.612
24.652
20.932
18.038
15.723
TRIM-DOWN
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
11.880
11.760
11.640
11.520
11.400
11.280
11.160
11.040
10.920
10.800
RD (k
Ω)
776.557
308.723
248.779
182.807
143.223
116.834
97.985
83.848
72.853
64.057
JFCWxxS15-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
15.150
15.300
15.450
15.600
15.750
15.900
16.050
16.200
16.350
16.500
RU (k
Ω)
161.557
78.223
50.446
36.557
28.223
22.668
18.700
15.723
13.409
11.557
TRIM-DOWN
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
14.850
14.700
14.550
14.400
14.250
14.000
13.750
13.500
13.250
13.000
RD (k
Ω)
818.223
401.557
262.668
193.223
151.557
123.779
103.938
89.057
77.483
68.223
JFCWxxS24-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
24.240
24.480
24.720
24.960
25.200
25.440
25.680
25.920
26.160
26.400
RU (k
Ω)
570.333
278.667
181.444
132.833
13.667
84.222
70.333
59.917
51.815
45.333
Trim-Up (%)
11
12
13
14
15
16
17
18
19
20
Vout (V)
26.640
26.880
27.120
27.360
27.600
27.840
28.080
28.320
28.560
28.800
RU (k
Ω)
40.030
35.611
31.872
28.667
25.889
23.458
21.314
19.407
17.702
16.167
TRIM-DOWN
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
23.760
23.520
23.280
23.040
22.800
22.560
22.320
22.080
21.840
21.600
RD (k
Ω)
4947.667
2439.333
1603.222
1185.167
934.333
767.111
647.667
558.083
488.407
432.667


Similar Part No. - JFCW24S3.3-1000RE

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW24S3.3-20 WALL-JFCW24S3.3-20 Datasheet
609Kb / 9P
   20 Watts DC/DC Power Converter Single and Dual Output
JFCW24S3.3-4000 WALL-JFCW24S3.3-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results

Similar Description - JFCW24S3.3-1000RE

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com