Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2187 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2187
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2187 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2187 Datasheet HTML 1Page - Monolithic Power Systems MP2187 Datasheet HTML 2Page - Monolithic Power Systems MP2187 Datasheet HTML 3Page - Monolithic Power Systems MP2187 Datasheet HTML 4Page - Monolithic Power Systems MP2187 Datasheet HTML 5Page - Monolithic Power Systems MP2187 Datasheet HTML 6Page - Monolithic Power Systems MP2187 Datasheet HTML 7Page - Monolithic Power Systems MP2187 Datasheet HTML 8Page - Monolithic Power Systems MP2187 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP2187 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2187 Rev. 1.0
www.MonolithicPower.com
4
12/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ=-40°C to +125°C, typical value is tested at TJ=25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage Range
Input Voltage
VIN
2.5
5.5
V
Supply Current
Supply Current (Shutdown)
VEN1 or 2=0V
0.1
μA
Supply Current (Quiescent)
VEN=2V, VIN=3.6V, Both
channel on
80
μA
Output Voltage
1.1V rail, TJ=25°C
-1.5%
1.1
+1.5%
Fixed Output Voltage
Vo
1.8V rail, TJ=25°C
-1.5%
1.8
+1.5%
V/%
Internal Feedback Voltage of 1.1V Output Channel
2.5V ≤ VIN ≤ 5.5V, TJ=25°C
-1.5% 0.600 +1.5%
Internal Feedback Voltage
VFB
TJ=-40°C to 125°C
(5)
-2%
+2%
V/%
Power FET
PFET Switch ON Resistance
RDSON_P
60
mΩ
NFET Switch ON Resistance
RDSON_N
30
mΩ
Switch Leakage
VEN1 or 2 = 0V, VIN = 5V
VSW 1 or 2= 0V and 5V, TJ=25°C
0.1
2
μA
PFET Current Limit
(6)
4.7
5.3
A
VIN=5V, VOUT1 =1.1V
183
ON Time
TON
VIN=5V, VOUT 2=1.8V
300
ns
VIN=5V, VOUT1 =1.1V, IOUT1 =1A
VIN=5V, VOUT2 =1.8V, IOUT2
=1A, TJ=25°C
-20%
1200
+20%
kHz
Switching Frequency
Fs
TJ=-40°C to 125°C
(5)
-25%
1200
+25%
kHz
Minimum OFF Time
TMIN-OFF
50
ns
Soft Start and Soft Off
Soft-Start Time
TSS-ON
10% to 90% output voltage
0.6
ms
Soft-Stop Time
TSS-OFF
1
ms
Power Good
Power-Good Upper Trip Threshold
PGH
FB voltage with respect to the
regulation
+10
%
Power-Good Lower Trip Threshold
PGL
-10
%
PGDL
High to low
100
μs
Power-Good Delay
PGDH
Low to high
100
us
Power-Good Sink Current
Capability
VPG-L
Sink 1mA
0.4
V
Power Good Logic High Voltage
VPG-H
VIN=5V
4.9
V
Power Good Internal Pull-Up
Resistor
RPG
500
kΩ


Similar Part No. - MP2187

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2187GQA MPS-MP2187GQA Datasheet
443Kb / 9P
   Dual 3A, 5.5V, 1.2MHz Synchronous Step-Down Swithers With Auto Output Discharge Evaluation Board
More results

Similar Description - MP2187

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
   2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP2188 MPS-MP2188 Datasheet
1Mb / 17P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
   4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
   3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
logo
Richtek Technology Corp...
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com