Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8849 Datasheet(PDF) 26 Page - Active-Semi, Inc

Part # ACT8849
Description  Advanced PMU for Multi-core Application Processors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8849 Datasheet(HTML) 26 Page - Active-Semi, Inc

Back Button ACT8849 Datasheet HTML 22Page - Active-Semi, Inc ACT8849 Datasheet HTML 23Page - Active-Semi, Inc ACT8849 Datasheet HTML 24Page - Active-Semi, Inc ACT8849 Datasheet HTML 25Page - Active-Semi, Inc ACT8849 Datasheet HTML 26Page - Active-Semi, Inc ACT8849 Datasheet HTML 27Page - Active-Semi, Inc ACT8849 Datasheet HTML 28Page - Active-Semi, Inc ACT8849 Datasheet HTML 29Page - Active-Semi, Inc ACT8849 Datasheet HTML 30Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
ACT8849
Rev PrB, 12-Jun-14
Innovative PowerTM
- 26 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
ACT8847QM600 + ACT8849QM614 and Samsung Exynos4412 Power Domains
ACT8847
REGULATOR
POWER DOMAIN
DEFAULT VOLT-
AGE
MAX CURRENT
POWER UP
ORDER
ON/OFF @
SLEEP
TYPE
REG1(OUT1.1)
VDD_MIF
1.0V
1500mA
3
OFF
DC/DC Step Down
REG2(OUT1.2)
VDD_ARM
1.3V
2800mA
3
OFF
DC/DC Step Down
REG3(OUT1.3)
VDD_G3D
1.0V
2800mA
3
OFF
DC/DC Step Down
REG4(OUT1.4)
VDD_INT
1.125V
1500mA
3
OFF
DC/DC Step Down
REG5(OUT1.5)
VDD18_ABB0
VDD18_ABB1
VDD18_ABB2
1.8V
150mA
2
OFF
Low-Noise LDO
REG6(OUT1.6)
VDD_CAM _3V3
3.0V
150mA
2
OFF
Low-Noise LDO
REG7(OUT1.7)
VDD1_E
VDDQ_AUD
VDDQ_CAM
VDDQ_SBUS
VDDQ_M0
VDDQ_MMC3
VDDQ_GPS
VDDQ_ISP
VDDQ_EXT
VDDQ_MIPIHSI
VDDQ_CKO
VDDQ_LCD
VDDQ_SYS00
VDDQ_SYS02
VDDQ_SYS33
1.8V
350mA
4
OFF
Low-Noise LDO
REG8(OUT1.8)
VDD33_UOTG
3.3V
350mA
8
OFF
Low-Noise LDO
REG9(OUT1.9)
VDD_LCD
3.3V
350mA
8
ON
Low-Noise LDO
REG10(OUT1.10)
VDD10_MPLL
VDD10_VPLL
VDD10_APLL
VDD10_EPLL
1.1V
150mA
3
OFF
Low Input-Voltage LDO
REG11(OUT1.11)
VDD_CAM_1V8
1.8V
350mA
3
OFF
Low Input-Voltage LDO
REG12(OUT1.12)
VDD_ALIVE
1.0V
350mA
1
ON
Low Input-Voltage LDO
REG13(OUT1.13)
VDD_RTC
1.8V
50mA
Always-ON
ON
Always-ON LDO
ACT8849
REGULATOR
POWER DOMAIN
DEFAULT VOLT-
AGE
MAX CURRENT
POWER UP
ORDER
ON/OFF @
SLEEP
TYPE
REG1(OUT2.1)
VDD_OFF
2.8V
1500mA
EN1
EN1
DC/DC Step Down
REG2(OUT2.2)
VDD_MEM
(VDDQ_E1
VDDQ_E2
VDDCA_E1
VDDCA_E2
VDD2_E
VDDQ_CKEM1_2)
1.2V
2800mA
5
ON
DC/DC Step Down
REG3(OUT2.3)
VDD_INL3
2.0V
2800mA
0
ON
DC/DC Step Down
REG4(OUT2.4)
VDDF_EMMC
2.8V
1500mA
EN4
OFF
DC/DC Step Down
REG5(OUT2.5)
VDDQ_PRE
1.8V
150mA
4
OFF
Low-Noise LDO
REG6(OUT2.6)
VDDQ_C2C
VDDQ_C2C_W
1.8V
150mA
5
OFF
Low-Noise LDO
REG7(OUT2.7)
VDDQ_MMC01
VDDQ_MMC2
2.8V
350mA
5
OFF
Low-Noise LDO
REG8(OUT2.8)
VDD18_MIPI
VDD18_MIPI2L
VDD18_HDMI_OSC
VDD18_TS
VDD18_ADC
1.8V
350mA
7
OFF
Low-Noise LDO
REG9(OUT2.9)
VDD18_HSIC
1.8V
350mA
7
OFF
Low-Noise LDO
REG10(OUT2.10)
VDD10_HSIC
VDD10_UOTG
1.0V
150mA
6
OFF
Low Input-Voltage LDO
REG11(OUT2.11)
VDDQ_M1
VDDQ_M2
1.2V
350mA
5
OFF
Low Input-Voltage LDO
REG12(OUT2.12)
VDD10_HDMI
VDD10_HDMI_PLL
VDD10_MIPI
VDD10_MIPI_PLL
VDD10_MIPI2L
1.0V
350mA
6
OFF
Low Input-Voltage LDO
REG13(OUT2.13)
No Use
1.8V
50mA
No Use
No Use
Always-ON LDO


Similar Part No. - ACT8849

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8849QM411-T ACTIVE-SEMI-ACT8849QM411-T Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8849QM614-T ACTIVE-SEMI-ACT8849QM614-T Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8849QM614-T ACTIVE-SEMI-ACT8849QM614-T Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
More results

Similar Description - ACT8849

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com