Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4921QI Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT4921QI
Description  Power Loss Protection with 6A eFuse
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4921QI Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT4921QI Datasheet HTML 17Page - Active-Semi, Inc ACT4921QI Datasheet HTML 18Page - Active-Semi, Inc ACT4921QI Datasheet HTML 19Page - Active-Semi, Inc ACT4921QI Datasheet HTML 20Page - Active-Semi, Inc ACT4921QI Datasheet HTML 21Page - Active-Semi, Inc ACT4921QI Datasheet HTML 22Page - Active-Semi, Inc ACT4921QI Datasheet HTML 23Page - Active-Semi, Inc ACT4921QI Datasheet HTML 24Page - Active-Semi, Inc ACT4921QI Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ACT4921QI
Rev 1.0, 18-Jan-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
21
Table 4: Over Voltage Reference Settings
VINS_OV_REF[2:0]
OV Threshold (V)
000
Disabled
001
0.82
010
0.92
011
1.00
100
1.08
101
1.16
110
1.24
111
1.32
ENB
The ENB pin enables the blocking FET, the buck
converter, and the boost converter. They are disabled
when ENB is low and enabled when ENB is high. ENB
provides two main system level functions. The first is
to isolate the storage capacitors as startup to allow
faster system startup. ENB is typically held low by the
system processor at startup. After the system starts
up, the processor pulls ENB high to allow the boost
converter to charge the storage caps. The second
function is to provide fault isolation. In the event of a
storage capacitor failure, ENB can be pulled low to
isolate the capacitors from the system. This allows the
system to continue operating until it can be safely
shutdown.
STR
STR is the output to the storage capacitor bank. In
normal operation the internal boost converter charges
the storage capacitors through the STR pin. When the
IC enters supplement mode, the internal buck converter
uses the STR pin as its input to power the system. The
STR pin is typically connected to hundreds of
microfarads of storage capacitance. It always requires
a 22uF or greater ceramic capacitor. See the Buck
Converter section for more information.
nIRQ—Interrupt
ACT4921 has an interrupt pin to inform the host of any
fault conditions. In general, any IC function with a status
bit asserts nIRQ pin low if the status changes. The
status changes can be masked by setting their
corresponding register bits. If nIRQ is asserted low, the
fault must be read before the IC deasserts nIRQ. If the
fault remains after reading the status bits, nIRQ remains
asserted.
The status changes shown below assert the nIRQ pin:
Input overvoltage, undervoltage
Thermal warning, thermal shutdown
eFuse VIN to VOUT over limits
eFuse current warning and limit
VB pin is not valid (VB or STR short)
Storage capacitor overvoltage, undervoltage
Supplemental mode active
Buck operation faults
Buck undervoltage shutdown
REF LDO undervoltage
nIRQ is an open-drain output and should be pulled up
to an appropriate supply voltage with a 10kΩ or greater
pull-up resistor.
SCL, SDA
SCL and SDA are the I2C clock and data pins to the IC
They have standard I2C functionality. They are open-
drain outputs and each require a pull-up resistor. The
pull-up resistor is typically tied to the system’s uP IO
pins. The pullup voltage can range from 1.8V to 5.0V.
REF
The REF pin is an internal bias voltage output pin.
Connect a 1µF capacitor between REF and AGND. Do
not apply an external load to the REF pin.
BSET
BSET sets the boost converter output voltage. The
output voltage is a function of both a resistor connected
between BSET and AGND as well as internal I2C
register settings. See the Storage Boost Converter
section for more information.
ISET
ISET sets the eFuse current limit with a resistor
connected to AGND. See the eFuse section for more
information.
SS
The SS pin uses a capacitor to AGND to control the
eFuse softstart timing. See the eFuse section for more
information.
PGND
The PGND pin is the buck and boost converters’ power
ground. The internal FETs connect directly to the PGND
pins. The power supply input and output capacitors
should connect to the PGND pins.


Similar Part No. - ACT4921QI

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Similar Description - ACT4921QI

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com