Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4910QW Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT4910QW
Description  Power Loss Protection with 6A eFuse
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4910QW Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT4910QW Datasheet HTML 12Page - Active-Semi, Inc ACT4910QW Datasheet HTML 13Page - Active-Semi, Inc ACT4910QW Datasheet HTML 14Page - Active-Semi, Inc ACT4910QW Datasheet HTML 15Page - Active-Semi, Inc ACT4910QW Datasheet HTML 16Page - Active-Semi, Inc ACT4910QW Datasheet HTML 17Page - Active-Semi, Inc ACT4910QW Datasheet HTML 18Page - Active-Semi, Inc ACT4910QW Datasheet HTML 19Page - Active-Semi, Inc ACT4910QW Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
ACT4910QW
Rev 1.0, 15-Sept-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2017 Active-Semi, Inc.
16
SHUTDOWN2 State
SHUTDOWN2 disables all IC functionality to protect
against extreme over temperature conditions above
155°C. This includes shutting off the eFuse. I2C
functionality not available in this state. The IC transitions
to SOFT-START when the junction temperature drops
and there is no overcurrent fault. Figure 3 shows the
ACT4910 State Diagram. Table 1 shows which
functions are enabled in each state. Note that the
current operating state can be determined by reading
the I2C register bits CURRENT_STATE in register
0x00h.
UV/POR
Soft‐
Start 
Mode
VIN ‐ VOUT < 200mV
 Soft‐start done
Supplement 
Mode
Repeat every 4min
eFuse over current
TJ > 155°C
Optional
Timer
125ms
EN > UV
& VIN > UVLO
eFuse not in OC
& TJ < 155°C
& 100ms delay
eFuse over current
TJ > 155°C
TJ > 135° C
 LDO  UV
 Storage cap OV
Boot cap fail
Normal 
Mode
Health 
Check 
Mode
Storage Cap 
is Filled to 
PG_THR
Storage cap < 3.6V
Buck output U V/OV
Buck OC
LDO UV
Compensation pin shot to GND
Shutdown2
eFuse
EN UV/OV
VIN OV
eFuse OC
VIN ‐ VOUT > 560mV
EN UV
TJ > 155°C
&  go to Shutdown2 
when TJ > 155°C 
TJ < 135° C
& LDO not UV
& Storage cap not OV
& Boot cap not fail
Shutdown1
Boost
Figure 3: State Machine Diagram


Similar Part No. - ACT4910QW

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Similar Description - ACT4910QW

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com