Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZX22D Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZX22D
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX22D Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZX22D Datasheet HTML 1Page - Diodes Incorporated DDZX22D Datasheet HTML 2Page - Diodes Incorporated DDZX22D Datasheet HTML 3Page - Diodes Incorporated DDZX22D Datasheet HTML 4Page - Diodes Incorporated DDZX22D Datasheet HTML 5Page - Diodes Incorporated DDZX22D Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS30408 Rev. 1 - 2
2 of 6
DDZX5V1B - DDZX43
www.diodes.com
Type Number
Marking Code
Zener Voltage Range
(Notes 4, 5)
Maximum Zener Impedance
(Note 6)
Maximum Reverse
Current (Note 7)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
Min (V)
Max (V)
mA
W
mA
uA
V
DDZX5V1B
KM
4.94
5.20
20
17
480
1
5
1.5
DDZX5V6B
KN
5.45
5.73
20
11
400
1
0.5
2.5
DDZX6V2B
KO
5.96
6.27
20
7
150
1
0.5
4.0
DDZX6V8C
YP
6.66
7.01
20
5
150
0.5
0.1
5.0
DDZX7V5C
YQ
7.29
7.67
20
6
120
0.5
0.1
6.0
DDZX8V2C
YR
8.03
8.45
20
8
120
0.5
0.1
6.5
DDZX9V1C
YS
8.83
9.30
20
8
120
0.5
0.1
7.0
DDZX10C
YT
9.70
10.20
20
8
120
0.5
0.1
8.0
DDZX11C
YU
10.82
11.38
10
10
120
0.5
0.1
8.4
DDZX12C
YV
11.74
12.35
10
12
110
0.5
0.1
9.1
DDZX13B
KW
12.55
13.21
10
14
110
0.5
0.1
10.0
DDZX14
GX
13.44
14.13
10
16
110
0.5
0.05
11.0
DDZX15
GY
14.80
15.57
10
18
150
0.5
0.05
12.0
DDZX16
YY
15.69
16.51
10
18
150
0.5
0.05
12.0
DDZX18C
YZ
17.42
18.33
10
23
150
0.5
0.05
14.0
DDZX20C
PJ
19.23
20.22
10
28
200
0.5
0.05
15.0
DDZX22D
2K
21.52
22.63
5
30
200
0.5
0.05
17.0
DDZX24C
PL
23.12
24.31
5
35
200
0.5
0.05
19.0
DDZX27D
2M
26.29
27.64
5
45
250
0.5
0.05
21.0
DDZX30D
2N
29.02
30.51
5
55
250
0.5
0.05
23.0
DDZX33
RP
32.14
33.79
5
75
250
0.5
0.05
27.0
DDZX36
ZQ
35.36
37.19
5
85
250
0.5
0.05
30.0
DDZX39F
5Q
38.14
40.11
5
85
250
0.5
0.05
30.0
DDZX43
ZR
42.14
43.86
5
90
¾¾
0.05
33.0
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
4. The Zener voltage is measured 40ms after power is supplied.
5. For inquiries on tighter tolerances, or alternate nominal zener voltages, please contact your Diodes Inc. sales representative for
availability and minimum order details.
6. f = 1kHz.
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DDZX22D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX22D DIODES-DDZX22D Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 5 - 2
DDZX22D DIODES-DDZX22D Datasheet
321Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZX22D-7 DIODES-DDZX22D-7 Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 5 - 2
DDZX22DTS DIODES-DDZX22DTS Datasheet
174Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
DDZX22DTS DIODES-DDZX22DTS Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
More results

Similar Description - DDZX22D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com