Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT2861QI Datasheet(PDF) 82 Page - Active-Semi, Inc

Part # ACT2861QI
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI Datasheet(HTML) 82 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 78Page - Active-Semi, Inc ACT2861QI Datasheet HTML 79Page - Active-Semi, Inc ACT2861QI Datasheet HTML 80Page - Active-Semi, Inc ACT2861QI Datasheet HTML 81Page - Active-Semi, Inc ACT2861QI Datasheet HTML 82Page - Active-Semi, Inc ACT2861QI Datasheet HTML 83Page - Active-Semi, Inc ACT2861QI Datasheet HTML 84Page - Active-Semi, Inc ACT2861QI Datasheet HTML 85Page - Active-Semi, Inc ACT2861QI Datasheet HTML 86Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
82
REG 0x16: Input Voltage Limit (R/W) (NVM)
Bit
Name
Description
Comment
7
DIS_VIN_Limit
0
0: Enable
1: Disable
Disable input voltage limit
6
VINLIM[6]
0
6400 mV
Input voltage limit threshold.
Charge current will be reduced to regulate input
voltage at setpoint when in Charge Mode.
Offset: 4.0V
Range: 4.0V (000_0000) to 16.7V (111_1111)
5
VINLIM[5]
0
3200 mV
4
VINLIM[4]
0
1600 mV
3
VINLIM[3]
0
800 mV
2
VINLIM[2]
0
400 mV
1
VINLIM[1]
1
200 mV
0
VINLIM[0]
0
100 mV
REG 0x17: OTG Mode Output Current Limit (R/W) (NVM)
Bit
Name
Description
Comment
7
OTG_DIS_CC
0
0: Enable
1: Disable
Set 1 to disable the output constant current limit
function at OTG Mode
6
OTG_CC[6]
1
64%
Output Current Percentage of ILIM Resistor Setting.
(VIN side measured at ISRN and ISRP)
Range: 1% (000_0001) to 100% (110_0100)
Setting 110_0100 to 111_1111 = 100%
Setting 000_0000 to 000_0001 = 1%
5
OTG_CC[5]
1
32%
4
OTG_CC[4]
0
16%
3
OTG_CC[3]
0
8%
2
OTG_CC[2]
1
4%
1
OTG_CC[1]
0
2%
0
OTG_CC[0]
0
1%


Similar Part No. - ACT2861QI

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

Similar Description - ACT2861QI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com