Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8560SNADJT1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8560SNADJT1G
Description  High Performance Low-Power, LDO Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560SNADJT1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8560SNADJT1G Datasheet HTML 5Page - ON Semiconductor NCV8560SNADJT1G Datasheet HTML 6Page - ON Semiconductor NCV8560SNADJT1G Datasheet HTML 7Page - ON Semiconductor NCV8560SNADJT1G Datasheet HTML 8Page - ON Semiconductor NCV8560SNADJT1G Datasheet HTML 9Page - ON Semiconductor NCV8560SNADJT1G Datasheet HTML 10Page - ON Semiconductor NCV8560SNADJT1G Datasheet HTML 11Page - ON Semiconductor NCV8560SNADJT1G Datasheet HTML 12Page - ON Semiconductor NCV8560SNADJT1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCV8560
www.onsemi.com
9
TYPICAL CHARACTERISTICS
5.0 V
3.0 V
1.5 V
1.25 V (ADJ)
Vin = Vout + 1.0 V
Vripple = 0.5 Vp−p
Cout = 1.0 mF
Iout = 1.0 mA to 150 mA
Figure 25. Output Short Circuit Current vs.
Temperature
Figure 26. Current Limit vs. Input Voltage
TA, AMBIENT TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
100
80
40
20
0
−20
−40
450
500
550
600
650
6.0
5.0
3.0
2.0
1.0
0
0
100
200
300
500
700
Figure 27. Line Regulation vs. Temperature
Figure 28. Load Regulation vs. Temperature
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
100
40
20
0
−20
−40
0
2.0
4.0
125
60
35
10
−15
−40
0
1.0
2.0
3.0
4.0
5.0
Figure 29. Output Turn On Time vs.
Temperature
Figure 30. Power Supply Ripple Rejection vs.
Frequency
TA, AMBIENT TEMPERATURE (°C)
f, FREQUENCY (kHz)
120
100
40
20
0
−20
−40
10
15
20
25
30
40
45
100
10
1.0
0.1
0
20
30
80
120
120
110
4.0
600
1.0
3.0
Vin = (Vout + 0.5 V) to 6.0 V
Iout = 1.0 mA
Iout = 1.0 mA to 150 mA
10
60
400
80
60
85
60
80
40
50
60
35
70
5.0 V
3.3 V
1.25 V


Similar Part No. - NCV8560SNADJT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560SNADJT1G ONSEMI-NCV8560SNADJT1G Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560SNADJT1G ONSEMI-NCV8560SNADJT1G Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
More results

Similar Description - NCV8560SNADJT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com