Electronic Components Datasheet Search |
|
NCV51460SN33T1G Datasheet(PDF) 3 Page - ON Semiconductor |
|
NCV51460SN33T1G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 11 page NCV51460 www.onsemi.com 3 Table 5. ELECTRICAL CHARACTERISTICS (VIN = VOUT + 2.5 V, IOUT = 0, CIN = 0.1 mF, COUT = 0 mF; For typical values TA = 25 °C, for min/max values −40°C ≤ TA ≤ 125°C unless otherwise noted.) (Note 5). Parameter Test Conditions Symbol Min Typ Max Unit Output Voltage VOUT 3.267 (−1%) 3.3 3.333 (+1%) V Line Regulation VIN = VOUT + 0.9 V to VOUT + 2.5 V VIN = VOUT + 2.5 V to VOUT + 20 V RegLINE − − 150 65 500 130 ppm/V Load Regulation IOUT = 0 to 100 mA IOUT = 0 to 10 mA IOUT = 0 to 20 mA RegLOAD − − − 1100 150 120 4000 400 400 ppm/mA Dropout Voltage Measured at VOUT − 2% IOUT = 0 mA IOUT = 10 mA VDO − − 0.65 0.9 0.9 1.4 V Quiescent Current IOUT = 0 mA, TA = 25°C IOUT = 0 mA, 0°C ≤ TA ≤ 100°C IQ − − 140 200 220 mA Output Short Circuit Current VOUT = 0 V, TA = 25°C ISC − 80 − mA Reverse Leakage VIN = − 15 V, TA = 25°C ILEAK − 0.1 10 mA Output Noise Voltage (Note 6) f = 0.1 Hz to 10 Hz f = 10 Hz to 1 kHz VN − 12 18 − mVPP mVrms Output Voltage Temperature Coefficient 0 °C ≤ TA ≤ 100°C −40 °C ≤ TA ≤ 125°C TCO − − 18 34 − − ppm/ °C Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 5. Performance guaranteed over the indicated operating temperature range by design and/or characterization, tested at TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 6. The noise spectral density from 0.1 Hz to 10 Hz is measured, then the integral output noise voltage in this range is calculated. Finally the peak to peak noise is calculated as 5x integral output noise. TYPICAL CHARACTERISTICS Figure 2. Output Voltage vs. Temperature Figure 3. Output Voltage vs. Temperature TJ, JUNCTION TEMPERATURE (°C) IOUT = 0 mA COUT = 0 mF VIN = VOUT + 20 V 3.267 3.272 3.277 3.282 3.287 3.292 3.297 3.302 3.307 3.312 3.317 3.322 3.327 3.332 −40 −20 0 20 40 60 80 100 120 140 VIN = VOUT + 2.5 V VIN = VOUT + 0.9 V 3.267 3.272 3.277 3.282 3.287 3.292 3.297 3.302 3.307 3.312 3.317 3.322 3.327 3.332 −40 −20 0 20 40 60 80 100 120 140 TJ, JUNCTION TEMPERATURE (°C) VIN = VOUT + 2.5 V COUT = 0 mF IOUT = 0 mA IOUT = 10 mA IOUT = 20 mA |
Similar Part No. - NCV51460SN33T1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |