Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV47721PAAJR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV47721PAAJR2G
Description  Adjustable LDO with Adjustable Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47721PAAJR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV47721PAAJR2G Datasheet HTML 1Page - ON Semiconductor NCV47721PAAJR2G Datasheet HTML 2Page - ON Semiconductor NCV47721PAAJR2G Datasheet HTML 3Page - ON Semiconductor NCV47721PAAJR2G Datasheet HTML 4Page - ON Semiconductor NCV47721PAAJR2G Datasheet HTML 5Page - ON Semiconductor NCV47721PAAJR2G Datasheet HTML 6Page - ON Semiconductor NCV47721PAAJR2G Datasheet HTML 7Page - ON Semiconductor NCV47721PAAJR2G Datasheet HTML 8Page - ON Semiconductor NCV47721PAAJR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2017 − Rev. 1
1
Publication Order Number:
NCV47721/D
NCV47721
3.3 V to 20 V Adjustable LDO
with Adjustable Current Limit
and Diagnostic Features
The NCV47721 LDO regulator with 200 mA output current is
designed for use in harsh automotive environments. The device has a
high peak input voltage tolerance and reverse input voltage, reverse
bias, overcurrent and overtemperature protections. The integrated
current sense feature (adjustable by resistor connected to CSO pin)
provides diagnosis and system protection functionality. The CSO pin
output current creates voltage drop across CSO resistor which is
proportional to output current. Extended diagnostic features in OFF
state are also available and controlled by dedicated input and output
pins.
Features
Adjustable Output: 3.3 V to 20 V ±3% Output Voltage
Output Current: up to 200 mA
Enable Input (3.3 V Logic Compatible)
Adjustable Current Limit: up to 300 mA
Protection Features:
Current Limitation
Thermal Shutdown
Reverse Input Voltage and Reverse Bias Voltage
Diagnostic Features:
Short To Battery (STB) and Open Load (OL) in OFF State
Internal Components for OFF State Diagnostics
Open Collector Flag Output
AEC−Q100 Grade 1 Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Audio and Infotainment System
Active Safety System
Figure 1. Application Schematic
Vout
GND
Vin
CSO
EN
Cin
Cout
R CSO
CCSO
1 µF
10 mF
NCV47721
1 µF
Cb * - is optional for stability with ceramic output capacitor
DE
EF
Diagnostic Enable Input
Error Flag Output (Open Collector)
R2
R1
Cb*
ADJ
To A /D
www.onsemi.com
MARKING
DIAGRAM
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
TSSOP−14
Exposed Pad
CASE 948AW
NCV4
7721
ALYW
G
G
1
14
1
14
47721
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - NCV47721PAAJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722DAJR2G ONSEMI-NCV47722DAJR2G Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722MNWTXG ONSEMI-NCV47722MNWTXG Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722PAAJR2G ONSEMI-NCV47722PAAJR2G Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
More results

Similar Description - NCV47721PAAJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
logo
Linear Technology
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
   Negative Regulator with Adjustable Current Limit
logo
Richtek Technology Corp...
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com