Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV47701 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV47701
Description  5 V to 20 V Adjustable Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47701 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV47701 Datasheet HTML 3Page - ON Semiconductor NCV47701 Datasheet HTML 4Page - ON Semiconductor NCV47701 Datasheet HTML 5Page - ON Semiconductor NCV47701 Datasheet HTML 6Page - ON Semiconductor NCV47701 Datasheet HTML 7Page - ON Semiconductor NCV47701 Datasheet HTML 8Page - ON Semiconductor NCV47701 Datasheet HTML 9Page - ON Semiconductor NCV47701 Datasheet HTML 10Page - ON Semiconductor NCV47701 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV47701
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 15. Output Noise Density vs. Frequency
Figure 16. PSRR vs. Frequency
Figure 17. Cout ESR Stability Region vs. Output
Current
0
500
1000
1500
2000
2500
3000
10
1000
100000
FREQUENCY (Hz)
Noise 10 Hz − 100 kHz
Vn = 100.6 mV
100
10000
30
35
40
45
50
55
60
65
70
75
80
10
100
1000
10000
1000000
100000
FREQUENCY (Hz)
Iout = 150 mA
0.01
1
10
100
0
50
100
150
200
250
300
350
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = Vout_nom + 8.5 V
Cout = 10−100 mF, Cb = none
Unstable Region
Unstable Region
TJ = 25°C
Vin = 13.5 V
Vout_nom = 5 V
Iout = 5 mA
85
90
TJ = 25°C
Vin = 13.5 V
Vout_nom = 5 V
Iout = 5 mA
0.1
Vout = 20 V
Vout = 5 V


Similar Part No. - NCV47701

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47701 ONSEMI-NCV47701 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47701DAJR2G ONSEMI-NCV47701DAJR2G Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47701PDAJR2G ONSEMI-NCV47701PDAJR2G Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
More results

Similar Description - NCV47701

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47700 ONSEMI-NCV47700_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47700 ONSEMI-NCV47700 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47701 ONSEMI-NCV47701 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
logo
Analog Devices
ADP3367 AD-ADP3367 Datasheet
148Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667 AD-ADP667 Datasheet
135Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ARZ AD-ADP667ARZ Datasheet
132Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367ARZ AD-ADP3367ARZ Datasheet
85Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367 AD-ADP3367_15 Datasheet
353Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. A
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com