Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8664CDT33RKG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8664CDT33RKG
Description  Very Low Iq Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664CDT33RKG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8664CDT33RKG Datasheet HTML 1Page - ON Semiconductor NCV8664CDT33RKG Datasheet HTML 2Page - ON Semiconductor NCV8664CDT33RKG Datasheet HTML 3Page - ON Semiconductor NCV8664CDT33RKG Datasheet HTML 4Page - ON Semiconductor NCV8664CDT33RKG Datasheet HTML 5Page - ON Semiconductor NCV8664CDT33RKG Datasheet HTML 6Page - ON Semiconductor NCV8664CDT33RKG Datasheet HTML 7Page - ON Semiconductor NCV8664CDT33RKG Datasheet HTML 8Page - ON Semiconductor NCV8664CDT33RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCV8664C
www.onsemi.com
3
THERMAL RESISTANCE
Parameter
Symbol
Condition
Min
Max
Unit
Junction−to−Ambient
DPAK
SOT−223
RqJA
87.4 (Note 2)
109 (Note 2)
°C/W
Junction−to−Tab
DPAK
SOT−223
RyJT
3.5
10.9
°C/W
2. 1 oz copper, 100 mm2 copper area, FR4.
LEAD SOLDERING TEMPERATURE AND MSL
Rating
Symbol
Min
Max
Unit
Lead Temperature Soldering
Reflow (SMD Styles Only), Lead Free (Note 3)
Tsld
265 pk
°C
Moisture Sensitivity Level
SOT223
DPAK
MSL
3
1
3. Lead Free, 60 sec – 150 sec above 217
°C, 40 sec max at peak.
ELECTRICAL CHARACTERISTICS (VIN = 13.5 V, Tj = −40°C to +150°C, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
5.0 V Version
VOUT
0.1 mA
v IOUT v 150 mA (Note 4)
6.0 V
v VIN v 28 V
4.900
5.0
5.100
V
Output Voltage
5.0 V Version
VOUT
0 mA
v IOUT v 150 mA
5.5 V
v VIN v 28 V
−40
°C v TJ v 125°C
4.900
5.0
5.100
V
Output Voltage
3.3 V Version
VOUT
0.1 mA
v IOUT v 150 mA (Note 4)
4.5 V
v VIN v 28 V
3.234
3.3
3.366
V
Line Regulation
5.0 V Version
DVOUT vs. VIN
IOUT = 5.0 mA
6.0 V
v VIN v 28 V
−25
0.7
+25
mV
Line Regulation
3.3 V Version
DVOUT vs. VIN
IOUT = 5.0 mA
4.5 V
v VIN v 28 V
−25
0.6
+25
mV
Load Regulation
DVOUT vs. IOUT
1.0 mA
v IOUT v 150 mA
(Note 4)
−35
0.5
+35
mV
Dropout Voltage
5.0 V Version
VIN−VOUT
IQ = 100 mA (Notes 4 & 5)
IQ = 150 mA (Notes 4 & 5)
230
270
500
600
mV
Quiescent Current
Iq
IOUT = 100 mA
TJ = 25°C
TJ = −40°C to +85°C
21
22
29
30
mA
Active Ground Current
IG(ON)
IOUT = 50 mA (Note 4)
IOUT = 150 mA (Note 4)
0.5
3.1
3
15
mA
Power Supply Rejection
PSRR
VRIPPLE = 0.5 VP−P, F = 100 Hz
67
dB
PROTECTION
Current Limit
IOUT(LIM)
VOUT = 4.5 V (5.0 V Version) (Note 4)
VOUT = 3.0 V (3.3 V Version) (Note 4)
150
150
500
500
mA
Short Circuit Current Limit
IOUT(SC)
VOUT = 0 V (Note 4)
100
500
mA
Thermal Shutdown Threshold
TTSD
(Note 6)
150
200
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Use pulse loading to limit power dissipation.
5. Dropout voltage = (VIN – VOUT), measured when the output voltage has dropped 100 mV relative to the nominal value obtained with VIN = 13.5 V.
6. Not tested in production. Limits are guaranteed by design.


Similar Part No. - NCV8664CDT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664CST33T3G ONSEMI-NCV8664CST33T3G Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664CST50T3G ONSEMI-NCV8664CST50T3G Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
More results

Similar Description - NCV8664CDT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com