Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8560 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCV8560
Description  High Performance Low-Power, LDO Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCV8560_17 Datasheet HTML 8Page - ON Semiconductor NCV8560_17 Datasheet HTML 9Page - ON Semiconductor NCV8560_17 Datasheet HTML 10Page - ON Semiconductor NCV8560_17 Datasheet HTML 11Page - ON Semiconductor NCV8560_17 Datasheet HTML 12Page - ON Semiconductor NCV8560_17 Datasheet HTML 13Page - ON Semiconductor NCV8560_17 Datasheet HTML 14Page - ON Semiconductor NCV8560_17 Datasheet HTML 15Page - ON Semiconductor NCV8560_17 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
NCV8560
www.onsemi.com
15
PACKAGE DIMENSIONS
DFN6 3x3
CASE 488AE
ISSUE B
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. TERMINAL b MAY HAVE MOLD COMPOUND
MATERIAL ALONG SIDE EDGE. MOLD
FLASHING MAY NOT EXCEED 30 MICRONS
ONTO BOTTOM SURFACE OF TERMINAL b.
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
b
0.18
0.30
D
3.00 BSC
D2
2.25
2.55
E
3.00 BSC
E2
1.55
1.85
e
0.65 BSC
K
0.20
−−−
L
0.30
0.50
D
B
E
C
0.15
A
C
0.15
2X
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
C
A
(A3)
A1
6X
SEATING
PLANE
C
0.08
C
0.10
e
6X
L
K
E2
D2
b NOTE 3
6X
0.10 C
0.05 C
AB
6X
PIN ONE
REFERENCE
0.20
0.25
L1
0.00
0.021
DETAIL B
DETAIL A
13
64
DETAIL B
(A3)
SIDE VIEW
A1
MOLD COMPOUND
EXPOSED Cu
L1
DETAIL A
EDGE OF PACKAGE
BOTTOM VIEW


Similar Part No. - NCV8560_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
More results

Similar Description - NCV8560_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com