Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8537 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8537
Description  High Accuracy Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8537 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8537 Datasheet HTML 2Page - ON Semiconductor NCV8537 Datasheet HTML 3Page - ON Semiconductor NCV8537 Datasheet HTML 4Page - ON Semiconductor NCV8537 Datasheet HTML 5Page - ON Semiconductor NCV8537 Datasheet HTML 6Page - ON Semiconductor NCV8537 Datasheet HTML 7Page - ON Semiconductor NCV8537 Datasheet HTML 8Page - ON Semiconductor NCV8537 Datasheet HTML 9Page - ON Semiconductor NCV8537 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCV8537
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS − 2.5 V
(Vout = 2.5 V typical, Vin = 2.9 V, TA = −40°C to +125°C, unless otherwise noted, Note 5)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (Accuracy)
Vin = 2.9 V to 6.5 V, Iload = 0.1 mA to 500 mA, TA = 25°C
Vout
−0.9%
2.477
2.5
+0.9%
2.523
V
Output Voltage (Accuracy)
Vin = 2.9 V to 6.5 V, Iload = 0.1 mA to 500 mA, TA = 0°C to +85°C
Vout
−1.4%
2.465
2.5
+1.4%
2.535
V
Output Voltage (Accuracy)
Vin = 2.9 V to 6.5 V, Iload = 0.1 mA to 500 mA, TA = −40°C to +125°C
Vout
−1.5%
2.462
2.5
+1.5%
2.538
V
Minimum Input Voltage
Vinmin
2.9
V
Line Regulation
Vin = 2.9 V to 12 V, Iload = 0.1 mA
LineReg
0.04
mV/V
Load Regulation
Vin = 2.9 V, Iload = 0.1 mA to 500 mA
LoadReg
0.04
mV/mA
Dropout Voltage (See Figure 10)
Iload = 500 mA (Note 6)
Iload = 300 mA (Note 6)
Iload = 50 mA
Iload = 0.1mA
VDO
340
230
110
10
mV
Peak Output Current (See Figures 14 and 18)
Ipk
500
700
800
mA
Short Output Current (See Figure 14) Vin < 7 V, TA = 25°C
Isc
900
mA
Thermal Shutdown / Hysteresis
TJ
160/10
°C
Ground Current
In Regulation
Iload = 500 mA (Note 6)
Iload = 300 mA (Note 6)
Iload = 50 mA
Iload = 0.1 mA
In Dropout
Vin = 2.4 V, Iload = 0.1 mA
In Shutdown
VSD = 0 V
IGND
IGNDsh
9.0
4.6
0.8
14
7.5
2.5
220
500
1.0
mA
mA
mA
mA
Output Noise
Cnr = 0 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Cnr = 10 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Vnoise
56
35
mVrms
mVrms
Power Good Voltage
Low Threshold
Hysteresis
High Threshold
Velft
93
95
2
97
99
% of
Vout
Power Good Pin Voltage Saturation (Ief − 1.0 mA)
Vefdo
200
mV
Power Good Pin Leakage
Iefleak
1.0
mA
Power Good Blanking Time (Note 7)
tef
50
ms
Shutdown
Threshold Voltage ON
Threshold Voltage OFF
VSD
2.0
0.4
V
V
SD Input Current, VSD = 0 V to 0.4 V or VSD = 2.0 V to Vin
ISD
0.07
1.0
mA
Output Current In Shutdown Mode, Vout = 0 V
IOSD
0.07
1.0
mA
Reverse Bias Protection, Current Flowing from the Output Pin to GND
(Vin = 0 V, Vout_forced = 2.5 V)
IOUTR
10
mA
5. Performance guaranteed over the operating temperature range by design and/or characterization, production tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. TA must be greater than 0°C.
7. Can be disabled per customer request.


Similar Part No. - NCV8537

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8537 ONSEMI-NCV8537 Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN180R2G ONSEMI-NCV8537MN180R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN250R2G ONSEMI-NCV8537MN250R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN330R2G ONSEMI-NCV8537MN330R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN500R2G ONSEMI-NCV8537MN500R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
More results

Similar Description - NCV8537

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3300ARTZ-3.3RL7 AD-ADP3300ARTZ-3.3RL7 Datasheet
133Kb / 8P
   High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com