Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D3.3-1000G Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JFCW48D3.3-1000G
Description  Up to 15 Watts DC/DC Converter Single Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D3.3-1000G Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JFCW48D3.3-1000G Datasheet HTML 1Page - Wall Industries,Inc. JFCW48D3.3-1000G Datasheet HTML 2Page - Wall Industries,Inc. JFCW48D3.3-1000G Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D3.3-1000G Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D3.3-1000G Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D3.3-1000G Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D3.3-1000G Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D3.3-1000G Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D3.3-1000G Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev G
JFCW SERIES
Up to 15 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 11
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
360
400
440
kHz
Isolation Voltage
1 minute
Input to Output
1600
VDC
Input (Output) to Case
1000
Isolation Resistance
500VDC
1
G
Ω
Isolation Capacitance
1000
pF
PHYSICAL SPECIFICATIONS
Weight
0.53oz (15g)
Dimensions (L x W x H)
1in x 1in x 0.39in
(25.4mm x 25.4mm x 9.9mm)
Case Material
Nickel-Coated Copper
Base Material
FR4 PCB
Potting Material
Epoxy (UL94 V-0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
Pending: JFCWxxS24-xxxx, JFCWxxD24-xxxx
UL60950-1
EN60950-1
IEC60950-1
EMI(6)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient(7)
EN61000-4-4
±2kV
Perf. Criteria A
Surge(7)
EN61000-4-5
±1kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
3 Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A
NOTES
(1)
Typical value at nominal input voltage and no load.
(2)
Test by minimum input and constant resistive load.
(3)
Typical value at nominal input voltage and full load.
(4)
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external
resistor between the Trim pin and either +Vout pin or –Vout pin.
(5)
For Heat Sink option add the suffix “HS” to part number (Ex: JFCW48S5-3000HS) (P/N: 7G-0047C-F).
See attached drawings for more details (pg 5-7).
(6)
The standard module meets EN55022 Class A and Class B with external capacitors connected in parallel to the input pins.
Recommended: 24Vin: 6.8µF/50V * 2 pcs 1812 MLCC
48Vin: 2.2µF/100 * 2 pcs 1812 MLCC
(7)
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor suggested is Nippon chemi-con KY Series, 220µF/100V, ESR 48m
Ω
Caution: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - JFCW48D3.3-1000G

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D33-10DH WALL-JFCW48D33-10DH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D33-10FH WALL-JFCW48D33-10FH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D33-10GH WALL-JFCW48D33-10GH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D33-10RFH WALL-JFCW48D33-10RFH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D33-10RH WALL-JFCW48D33-10RH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFCW48D3.3-1000G

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com