Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D15-3000G Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JFCW48D15-3000G
Description  Up to 15 Watts DC/DC Converter Single Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D15-3000G Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JFCW48D15-3000G Datasheet HTML 1Page - Wall Industries,Inc. JFCW48D15-3000G Datasheet HTML 2Page - Wall Industries,Inc. JFCW48D15-3000G Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D15-3000G Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D15-3000G Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D15-3000G Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D15-3000G Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D15-3000G Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D15-3000G Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev G
JFCW SERIES
Up to 15 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 11
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
24Vin(nom)
9
24
36
VDC
48Vin(nom)
18
48
75
Input Reflected Ripple Current
Nominal Input and Full Load
30
mAp-p
Start-Up Voltage
24Vin(nom)
9
VDC
48Vin(nom)
18
Shutdown Voltage
24Vin(nom)
8
VDC
48Vin(nom)
12
Input Surge Voltage
100ms, max.
24Vin(nom)
50
VDC
48Vin(nom)
100
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
Single
-0.2
+0.2
%
Dual
-0.5
+0.5
Load Regulation
No Load to Full Load
Single
-0.2
+0.2
%
Dual
-1.0
+1.0
Voltage Adjustability(4)
Single Output
24Vout
-10
+20
%
All Others
-10
+10
Cross Regulation
Asymmetrical load 25%/100% FL, Dual
-5.0
+5.0
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
Single
mVp-p
With a 1µF M/C X7R and a 10µF T/C
3.3Vout, 5Vout
75
With a 1µF M/C X7R and a 10µF T/C
12Vout, 15Vout
100
With a 6.8µF/50V X7R MLCC
24Vout
100
Dual
With a 4.7µF/50V X7R MLCC for each output
24Vout
100
With a 1µF M/C X7R and a 10µF T/C for each output Others
100
Transient Response Recovery Time
25% Load Step Change
250
µS
Start-Up Time
Constant Resistive Load
Power Up
30
ms
Remote On/Off
30
Temperature Coefficient
-0.02
+0.02
%/ºC
REMOTE ON/OFF CONTROL
Positive Logic (Standard)
Referred to –Vin pin
DC-DC On
Open or 3~15VDC
DC-DC Off
Short or 0~1.2VDC
Negative Logic (Option)
Referred to –Vin pin
DC-DC On
Short or 0~1.2VDC
DC-DC Off
Open or 3~15VDC
Input Current of CTRL Pin
-0.5
1.0
mA
Remote OFF Input Current
2.5
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of lout rated; Hiccup mode
150
%
Over Voltage Protection
3.3Vout
3.7
5.4
VDC
5Vout
5.6
7.0
12Vout
13.5
19.6
15Vout
16.8
20.5
24Vout
29.1
32.1
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Without Derating
-40
+60
ºC
With Derating
+60
+105
Maximum Case Temperature
105
ºC
Storage Temperature Range
-55
+125
ºC
Relative Humidity
5
95
%RH
Thermal Shock
MIL-STD-810F
Thermal Impedance(5)
Natural Convention (20LFM)
Without Heat-Sink
18.2
ºC/W
With Heat-Sink
15.8
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
1.459 x 106 hrs


Similar Part No. - JFCW48D15-3000G

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D15-30 WALL-JFCW48D15-30 Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
JFCW48D15-30DHC WALL-JFCW48D15-30DHC Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
JFCW48D15-30FHC WALL-JFCW48D15-30FHC Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
JFCW48D15-30GHC WALL-JFCW48D15-30GHC Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
JFCW48D15-30RFHC WALL-JFCW48D15-30RFHC Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
More results

Similar Description - JFCW48D15-3000G

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com