Electronic Components Datasheet Search |
|
JFC12D3.3-1300D Datasheet(PDF) 4 Page - Wall Industries,Inc. |
|
JFC12D3.3-1300D Datasheet(HTML) 4 Page - Wall Industries,Inc. |
4 / 11 page Rev F JFC SERIES 15 Watts DC DC Converter Single and Dual Outputs 1/9/2018 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 4 of 11 NOTES (1) Typical Value at Nominal Input Voltage and No Load. (2) Test by Minimum Vin and Constant Resistive Load. (3) Typical Value at Nominal Input Voltage and Full Load. (4) Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor between the Trim pin and either +Vout pin or –Vout pin. (5) The ON/OFF Control pin voltage is referenced to –Vin. (See the “Product Standard Table” below for suffix options) (6) For Heat Sink option add the suffix “HS” to the part number (Ex: JFC48S5-3000HS)(P/N: 7G-0047C-F). See attached for more details. (7) The JFC series can meet EN55022 Class A and Class B with external capacitors connected in parallel to the input pins. See attached for more details. (8) An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. The filter capacitor suggested is Nippon chemi- con KY series, 220µF/100V. Caution: This power module is not internally fused. An input line fuse must always be used. *Due to advances in technology, specifications subject to change without notice. DERATING CURVES JFC48S5-3000 Derating Curve JFC48S5-3000 Derating Curve With Heat-Sink EFFICIENCY GRAPHS JFC48S5-3000 Efficiency vs. Input Voltage JFC48S5-3000 Efficiency vs. Output Load |
Similar Part No. - JFC12D3.3-1300D |
|
Similar Description - JFC12D3.3-1300D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |