Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D15-315D Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # JFCW48D15-315D
Description  Up to 15 Watts DC/DC Converter Single Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D15-315D Datasheet(HTML) 6 Page - Wall Industries,Inc.

Back Button JFCW48D15-315D Datasheet HTML 2Page - Wall Industries,Inc. JFCW48D15-315D Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D15-315D Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D15-315D Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D15-315D Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D15-315D Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D15-315D Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D15-315D Datasheet HTML 9Page - Wall Industries,Inc. JFCW48D15-315D Datasheet HTML 10Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev G
JFCW SERIES
Up to 15 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 11
2” x 1” Heat Sink
Dimensions in inch (mm)
2” x 1.6” Heat-Sink
Dimensions in inch (mm)


Similar Part No. - JFCW48D15-315D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D15-30 WALL-JFCW48D15-30 Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
JFCW48D15-30DHC WALL-JFCW48D15-30DHC Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
JFCW48D15-30FHC WALL-JFCW48D15-30FHC Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
JFCW48D15-30GHC WALL-JFCW48D15-30GHC Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
JFCW48D15-30RFHC WALL-JFCW48D15-30RFHC Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
More results

Similar Description - JFCW48D15-315D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com