Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC24D12-3000D Datasheet(PDF) 9 Page - Wall Industries,Inc.

Part # JFC24D12-3000D
Description  Six-Sided Shielding
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC24D12-3000D Datasheet(HTML) 9 Page - Wall Industries,Inc.

Back Button JFC24D12-3000D Datasheet HTML 3Page - Wall Industries,Inc. JFC24D12-3000D Datasheet HTML 4Page - Wall Industries,Inc. JFC24D12-3000D Datasheet HTML 5Page - Wall Industries,Inc. JFC24D12-3000D Datasheet HTML 6Page - Wall Industries,Inc. JFC24D12-3000D Datasheet HTML 7Page - Wall Industries,Inc. JFC24D12-3000D Datasheet HTML 8Page - Wall Industries,Inc. JFC24D12-3000D Datasheet HTML 9Page - Wall Industries,Inc. JFC24D12-3000D Datasheet HTML 10Page - Wall Industries,Inc. JFC24D12-3000D Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 9 of 11
OUTPUT VOLTAGE ADJUSTMENT
Output voltage set point adjustment allows the user to increase or decrease the output voltage set point of the module. This is
accomplished by connecting an external resistor between the TRIM pin and either the +OUTPUT or –OUTPUT pins. With an external
resistor between the TRIM and –OUTPUT pin, the output voltage set point increases. With an external resistor between the TRIM and
+OUTPUT pin, the output voltage set point decreases. The external TRIM resistor needs to be at least 1/16W or rated power.
Trim Up Equation
Trim Down Equation
Trim Constants
Module
G
H
K
L
JFCxxS3.3-xxxx
5110
2050
0.8
2.5
JFCxxS5-xxxx
5110
2050
2.5
2.5
JFCxxS12-xxxx
10000
5110
9.5
2.5
JFCxxS15-xxxx
10000
5110
12.5
2.5
JFCxxS24-xxxx
56000
13000
21.5
2.5
Output Voltage Adjustment Configurations
JFCxxS3.3-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.630
RU (k
Ω)
385.071
191.511
126.990
94.730
75.374
62.470
53.253
46.340
40.963
36.662
TRIM-DOWN
Trim-Down (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.970
RD (k
Ω)
116.719
54.779
34.133
23.810
17.616
13.486
10.537
8.325
6.604
5.228
JFCxxS5-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
5.050
5.100
5.150
5.200
5.250
5.300
5.350
5.400
5.450
5.500
RU (k
Ω)
253.450
125.700
83.117
61.825
49.050
40.533
34.450
29.888
26.339
23.500
TRIM-DOWN
Trim-Down (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
4.950
4.900
4.850
4.800
4.750
4.700
4.650
4.600
4.550
4.500
RD (k
Ω)
248.340
120.590
78.007
56.715
43.940
35.423
29.340
24.778
21.229
18.390


Similar Part No. - JFC24D12-3000D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC24D12-30 WALL-JFC24D12-30 Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
JFC24D12-30DHC WALL-JFC24D12-30DHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
JFC24D12-30FHC WALL-JFC24D12-30FHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
JFC24D12-30GHC WALL-JFC24D12-30GHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
JFC24D12-30RFHC WALL-JFC24D12-30RFHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
More results

Similar Description - JFC24D12-3000D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
   Integrated EMI shielding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com