Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1495S Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1495S
Description  High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1495S Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1495S Datasheet HTML 1Page - Monolithic Power Systems MP1495S Datasheet HTML 2Page - Monolithic Power Systems MP1495S Datasheet HTML 3Page - Monolithic Power Systems MP1495S Datasheet HTML 4Page - Monolithic Power Systems MP1495S Datasheet HTML 5Page - Monolithic Power Systems MP1495S Datasheet HTML 6Page - Monolithic Power Systems MP1495S Datasheet HTML 7Page - Monolithic Power Systems MP1495S Datasheet HTML 8Page - Monolithic Power Systems MP1495S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP1495S
– SYNCHRONOUS STEP-DOWN CONVERTER
MP1495S Rev. 1.0
www.MonolithicPower.com
4
12/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 3.3V, AAM=0.5V, TA = 25°C, unless otherwise noted.


Similar Part No. - MP1495S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1495DJ MPS-MP1495DJ Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
More results

Similar Description - MP1495S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com